Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4895 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM4895
Description  1.3W Fully Differential Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4895 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM4895 Datasheet HTML 1Page - SG Micro Corp SGM4895 Datasheet HTML 2Page - SG Micro Corp SGM4895 Datasheet HTML 3Page - SG Micro Corp SGM4895 Datasheet HTML 4Page - SG Micro Corp SGM4895 Datasheet HTML 5Page - SG Micro Corp SGM4895 Datasheet HTML 6Page - SG Micro Corp SGM4895 Datasheet HTML 7Page - SG Micro Corp SGM4895 Datasheet HTML 8Page - SG Micro Corp SGM4895 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SGM4895
1.3W Fully Differential
Audio Power Amplifier
MARCH 2017 –REV. C. 2
SG Micro Corp
www.sg-micro.com
GENERAL DESCRIPTION
The SGM4895 is a fully differential audio power
amplifier that is designed for portable communication
device applications and demanding applications in
mobile phones. It is capable of delivering 1.3W of
continuous average power into an 8Ω load with typically
1% distortion (THD+N) from a 5V battery voltage. It
operates from 2.5V to 5.5V power supply.
The SGM4895 features a low power consumption
shutdown mode. To facilitate this, shutdown may be
enabled by logic low. Additionally, the SGM4895
features an internal thermal shutdown protection
mechanism.
The SGM4895 contains advanced pop/click circuitry,
with a minimal amount of external components. All
these features make SGM4895 ideal for wireless
handsets and other low voltage applications where
minimal power consumption is a primary requirement.
The SGM4895 is available in Green TDFN-3×3-8L and
MSOP-8 (Exposed Pad) packages. It operates over an
ambient temperature range of
-40℃ to +85℃.
FEATURES
• Fully Differential Amplifier
• Excellent PSRR: Direct Connection to Battery
1.3W into 8Ω Load from 5V Supply at
THD+N = 1% (TYP)
1.6W into 4Ω Load from 5V Supply at
THD+N = 1% (TYP, SGM4895YDB8 Only)
• 2.5V to 5.5V Operation
• Low Shutdown Current
• Improved Pop/Click Circuitry
• Support Single-Ended or Differential Input
• Thermal Overload Protection Circuitry
• No Output Coupling Capacitors, Bootstrap
Capacitors Required
• External Gain Configuration Capability
• -40
℃ to +85℃ Operating Temperature Range
• Available in Green TDFN-3×3-8L and
MSOP-8 (Exposed Pad) Packages
APPLICATIONS
Portable Systems
Wireless Handsets
Mobile Phone
Handheld Computers
PDAs
GPS


Similar Part No. - SGM4895

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4895 SGMICRO-SGM4895 Datasheet
351Kb / 13P
   Audio Power Amplifier
More results

Similar Description - SGM4895

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Fangtek Ltd.
FT6203 FANGTEK-FT6203 Datasheet
168Kb / 2P
   1.25W Fully Differential Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD2025D YOUDA-YD2025D Datasheet
161Kb / 4P
   1.3W STEREO AUDIO AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_07 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com