Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8621 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8621
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8621 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8621 Datasheet HTML 1Page - SG Micro Corp SGM8621 Datasheet HTML 2Page - SG Micro Corp SGM8621 Datasheet HTML 3Page - SG Micro Corp SGM8621 Datasheet HTML 4Page - SG Micro Corp SGM8621 Datasheet HTML 5Page - SG Micro Corp SGM8621 Datasheet HTML 6Page - SG Micro Corp SGM8621 Datasheet HTML 7Page - SG Micro Corp SGM8621 Datasheet HTML 8Page - SG Micro Corp SGM8621 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3MHz, Rail-to-Rail I/O
SGM8621/2/3/4
CMOS Operational Amplifiers
PIN CONFIGURATIONS
SGM8621 (TOP VIEW)
SGM8621/8623 (TOP VIEW)
+VS
-IN
3
4
5
1
2
OUT
-VS
+IN
(SGM8623 ONLY)
-IN
+IN
-VS
NC
5
6
7
8
1
2
3
4
+VS
NC
OUT
DISABLE
NC = NO CONNECT
SC70-5/SOT-23-5
SOIC-8
SGM8623 (TOP VIEW)
SGM8622 (TOP VIEW)
OUT
3
4
5
6
1
2
-VS
+IN
+VS
DISABLE
-IN
OUTB
+VS
+INB
OUTA
5
6
7
8
1
2
3
4
-INA
-VS
-INB
SOT-23-6
SOIC-8/MSOP-8
SGM8624 (TOP VIEW)
10
11
12
13
14
1
2
3
4
5
OUTA
-INA
+INA
-VS
+VS
-IND
+IND
6
7
9
8
-INB
+INB
-INC
OUTB
OUTC
+INC
OUTD
TSSOP-14/SOIC-14
SG Micro Corp
www.sg-micro.com
3


Similar Part No. - SGM8621

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621XC5/TR SGMICRO-SGM8621XC5/TR Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621XN5/TR SGMICRO-SGM8621XN5/TR Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621XS SGMICRO-SGM8621XS Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621XS/TR SGMICRO-SGM8621XS/TR Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8621

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com