Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8922A Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8922A
Description  Output Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8922A Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8922A_16 Datasheet HTML 2Page - SG Micro Corp SGM8922A_16 Datasheet HTML 3Page - SG Micro Corp SGM8922A_16 Datasheet HTML 4Page - SG Micro Corp SGM8922A_16 Datasheet HTML 5Page - SG Micro Corp SGM8922A_16 Datasheet HTML 6Page - SG Micro Corp SGM8922A_16 Datasheet HTML 7Page - SG Micro Corp SGM8922A_16 Datasheet HTML 8Page - SG Micro Corp SGM8922A_16 Datasheet HTML 9Page - SG Micro Corp SGM8922A_16 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
12.7MHz, Dual Rail-to-Rail
Output Operational Amplifier
6
SGM8922
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOIC-8
D
E
E1
e
b
A
A2
A1
c
L
θ
1.27
0.6
2.2
5.2
RECOMMENDED LAND PATTERN (Unit: mm)
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.27 BSC
0.050 BSC
L
0.400
1.270
0.016
0.050
θ


Similar Part No. - SGM8922A_16

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
More results

Similar Description - SGM8922A_16

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
SGM8045 SGMICRO-SGM8045 Datasheet
343Kb / 11P
   Input/Output Operational Amplifier
logo
Sanyo Semicon Device
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_16 Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
logo
Analog Devices
OP-50 AD-OP-50 Datasheet
517Kb / 6P
   High Output Current Operational Amplifier
logo
Sanyo Semicon Device
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com