Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8922A Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8922A
Description  Output Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8922A Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8922A Datasheet HTML 1Page - SG Micro Corp SGM8922A Datasheet HTML 2Page - SG Micro Corp SGM8922A Datasheet HTML 3Page - SG Micro Corp SGM8922A Datasheet HTML 4Page - SG Micro Corp SGM8922A Datasheet HTML 5Page - SG Micro Corp SGM8922A Datasheet HTML 6Page - SG Micro Corp SGM8922A Datasheet HTML 7Page - SG Micro Corp SGM8922A Datasheet HTML 8Page - SG Micro Corp SGM8922A Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12.7MHz, Dual Rail-to-Rail
Output Operational Amplifier
3
SGM8922
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +5V
(At TA = +25
℃, RL = 600Ω connected to VS/2, unless otherwise noted.)
SGM8922
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
+25
-40
to
+85
-40
to
+125
UNITS
MIN
/MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 600Ω
12.7
MHz
TYP
Slew Rate
2VPP step, AV = 1
6.8
V/μs
TYP
Crosstalk
f = 1kHz
-120
dB
TYP
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion + Noise (THD+N)
VOUT = 2VPP, f = 1kHz,
AV = 1, RL = 600Ω
0.003
%
TYP
Input Voltage Noise (en)
f = 1kHz
6
nV/ Hz
TYP
Phase Margin
RL = 600Ω, CL = 100pF
45
degree
TYP
DC PERFORMANCE
Input Offset Voltage (VOS)
SGM8922
3
4.2
5
mV
MAX
SGM8922A
0.9
1.8
2.6
mV
MAX
Input Offset Voltage Drift
1.6
μV/
TYP
Open-Loop Gain (AOL)
RL = 600Ω, VOUT = 0.15V to 4.85V
109
86
80
75
dB
MIN
RL = 10kΩ, VOUT = 0.05V to 4.95V
104
84
75
70
dB
MIN
INPUT CHARACTERISTICS
Input Common Mode Voltage Range (VCM)
VS = 5V
-0.1 to 3.8
V
TYP
Common Mode Rejection Ratio (CMRR)
VS = 5.5V, VCM = -0.1V to 3.8V
108
60
56
51
dB
MIN
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rails
High Output Voltage Swing (VOH)
IOUT = 100mA
4.73
4.20
4.10
4
V
MIIN
Low Output Voltage Swing (VOL)
IOUT = -100mA
0.24
0.45
0.56
0.68
V
MAX
Output Short Circuit Current
300
mA
MAX
POWER SUPPLY
Operating Voltage Range
3
3
3
V
MIN
5.5
5.5
5.5
V
MAX
Quiescent Current (per Amplifier)
IOUT = 0mA
3
3.9
mA
MAX
Power Supply Rejection Ratio (PSRR)
VS = +2.5V to +5.5V,
VCM = (-VS) + 0.5V
80
60
56
51
dB
MIN
 


Similar Part No. - SGM8922A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
More results

Similar Description - SGM8922A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
SGM8045 SGMICRO-SGM8045 Datasheet
343Kb / 11P
   Input/Output Operational Amplifier
logo
Sanyo Semicon Device
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_16 Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
logo
Analog Devices
OP-50 AD-OP-50 Datasheet
517Kb / 6P
   High Output Current Operational Amplifier
logo
Sanyo Semicon Device
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com