Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM9111 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM9111
Description  8MHz Rail-to-Rail Composite Video Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9111 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM9111_16 Datasheet HTML 1Page - SG Micro Corp SGM9111_16 Datasheet HTML 2Page - SG Micro Corp SGM9111_16 Datasheet HTML 3Page - SG Micro Corp SGM9111_16 Datasheet HTML 4Page - SG Micro Corp SGM9111_16 Datasheet HTML 5Page - SG Micro Corp SGM9111_16 Datasheet HTML 6Page - SG Micro Corp SGM9111_16 Datasheet HTML 7Page - SG Micro Corp SGM9111_16 Datasheet HTML 8Page - SG Micro Corp SGM9111_16 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8MHz Rail-to-Rail Composite
SGM9111
Video Driver with 6dB Gain
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKING
OPTION
SOIC-8
-40
℃ to +85℃
SGM9111YS/TR
SGM9111YS
XXXXX
Tape and Reel, 2500
SGM9111
SC70-5
-40
℃ to +85℃
SGM9111YC5/TR
9111
Tape and Reel, 3000
NOTE: XXXXX = Date Code and Vendor Code.
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
Input Voltage Range ..................... GND - 0.3V to VCC + 0.3V
Supply Voltage, VCC....................................................... 6.0V
Junction Temperature .................................................. 150
Storage Temperature Range........................ -65
℃ to +150℃
Lead Temperature (Soldering, 10s).............................. 260
ESD Susceptibility
HBM............................................................................ 8000V
MM................................................................................ 400V
CDM ........................................................................... 2000V
RECOMMENDED OPERATING CONDITIONS
Operating Voltage Range................................... 3.0V to 5.5V
Operating Temperature Range ...................... -40
℃ to +85℃
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any other conditions beyond those indicated in the
operational section of the specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if
necessary without notice at any time.


Similar Part No. - SGM9111_16

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
More results

Similar Description - SGM9111_16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com