Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W947R0J Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # W947R0J
Description  Wirewound Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

W947R0J Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  W947R0J Datasheet HTML 1Page - Bourns Electronic Solutions W947R0J Datasheet HTML 2Page - Bourns Electronic Solutions W947R0J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
W Series Wirewound Power Resistor
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
Product Dimensions
WL
D
T (DIA.)
W
Model
Dimensions
L*
D
W
T
W1M
9.5 ± 1.0
(.374 ± .004)
4.0 ± 1.0
(.157 ± .004)
28.0 ± 3.0
(1.102 ± .118)
0.60 ± 0.05
(.024 ± .002)
W2M
11.5 ± 1.0
(.453 ± .004)
4.5 ± 1.0
(.177 ± .004)
28.0 ± 3.0
(1.102 ± .118)
0.65 ± 0.05
(.026 ± .002)
W3M
15.5 ± 1.0
(.610 ± .004)
5.5 ± 1.0
(.217 ± .004)
28.0 ± 3.0
(1.102 ± .118)
0.70 ± 0.05
(.028 ± .002)
W5M
17.5 ± 1.0
(.689 ± .004)
6.5 ± 1.0
(.256 ± .004)
28.0 ± 3.0
(1.102 ± .118)
0.75 ± 0.05
(.030 ± .002)
W7M
24.5 ± 1.0
(.965 ± .004)
8.5 ± 1.0
(.335 ± .004)
38.0 ± 3.0
(1.496 ± .118)
0.75 ± 0.05
(.030 ± .002)
W9M
39.5 ± 1.0
(1.555 ± .004)
8.5 ± 1.0
(.335 ± .004)
38.0 ± 3.0
(1.496 ± .118)
0.75 ± 0.05
(.030 ± .002)
W10M
52.5 ± 1.0
(2.067 ± .004)
8.5 ± 1.0
(.335 ± .004)
38.0 ± 3.0
(1.496 ± .118)
0.75 ± 0.05
(.030 ± .002)
1st Significant
Figure
2nd Significant
Figure
Multiplier
Tolerance
Power Derating Curve
0
-55
0
50 70 100
150
200
250 275 300
20
40
Ambient Temperature (°C)
60
80
120
100
Resistors shall be marked with color
coding. Colors shall be in accordance with
JIS C 0802.
* Larger body size available upon request.
Color
1st
Band
2nd
Band
Multi-
plier
Tol.
Black
00
1
Ω
Brown
1
1
10
Ω
±1 %
Red
2
2
100
Ω
±2 %
Orange
33
1K
Ω
Yellow
4
4
10K
Ω
Green
5
5
100K
Ω ±0.5 %
Blue
66
1M
Ω
±0.25 %
Violet
7
7
10M
Ω ±0.10 %
Grey
8
8
±0.05 %
White
99
Gold
0.1
Ω
±5 %
Silver
0.01
Ω
±10 %


Similar Part No. - W947R0J

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D2CBGX5G WINBOND-W947D2CBGX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX6G WINBOND-W947D2CBGX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX7G WINBOND-W947D2CBGX7G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX5G WINBOND-W947D2CBHX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX6G WINBOND-W947D2CBHX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W947R0J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
AL-1010RDJLF IRCTT-AL-1010RDJLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
WPRT TTELEC-WPRT Datasheet
718Kb / 4P
   Wirewound Power Radial Terminal Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Vishay Siliconix
VNPC VISHAY-VNPC Datasheet
102Kb / 5P
   Vitreous Wirewound Power Resistor, Flat
C38T VISHAY-C38T Datasheet
626Kb / 5P
   Reinforced Winding Wirewound Power Resistor
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
   Fusing Wirewound Resistor
4/30/2021
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com