Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM9114 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM9114
Description  8MHz, 5th-Order Video Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9114 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM9114 Datasheet HTML 3Page - SG Micro Corp SGM9114 Datasheet HTML 4Page - SG Micro Corp SGM9114 Datasheet HTML 5Page - SG Micro Corp SGM9114 Datasheet HTML 6Page - SG Micro Corp SGM9114 Datasheet HTML 7Page - SG Micro Corp SGM9114 Datasheet HTML 8Page - SG Micro Corp SGM9114 Datasheet HTML 9Page - SG Micro Corp SGM9114 Datasheet HTML 10Page - SG Micro Corp SGM9114 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8MHz, 5th-Order Video Driver
SGM9114
with 6dB Gain
8
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
SAG Correction
The SGM9114 can use the SAG configuration if an
AC-coupled output video signal is needed. SAG
correction refers to the low-frequency compensation for
the high pass filter formed by the 150Ω load and the
output capacitor. In video applications, the cutoff
frequency must be low enough to pass the vertical sync
interval to avoid field tilt. This cutoff frequency should
be less than 5Hz, and the coupling capacitor must be
very large in normal configuration, typically 220µF. In
SAG configuration, the SGM9114 removes the need for
large coupling capacitors, and instead only requires
one 22µF and one 47µF capacitors (Figure 1) to
achieve the same performance as the large capacitor.
The Sallen Key Low Pass Filter
The Sallen Key in a classic low pass configuration is
illustrated in Figure 1. The filter provides a very stable
low pass function, and in the case of the SGM9114, a
5th-order roll-off at around 8MHz. The 5th-order
function is accomplished with an RC low pass network
placed in series with and before the Sallen Key. One
pole provided by the RC network and poles two and
three provided by the Sallen Key produce a nice
5th-order roll-off at around 8MHz.
Layout and Power-Supply Bypassing
The SGM9114 operates from single 3.0V to 5.5V
supply. Bypass the supply with a 0.1µF capacitor as
close to the pin as possible. It is recommended to use
microstrip and stripline techniques to obtain full
bandwidth. To ensure that the PC board does not
degrade the device’s performance, design it for a
frequency greater than 1GHz. Pay careful attention to
inputs and outputs to avoid large parasitic capacitance.
Whether or not you use a constant-impedance board,
observe the following design guidelines:
● Do not use IC sockets; they increase parasitic
capacitance and inductance.
● Do not use wire-wrap boards; they are too inductive.
● Use
surface-mount
instead
of
through-hole
components for better, high-frequency performance.
● Use a PC board with at least two layers; it should be
as free from voids as possible.
● Keep signal lines as short and as straight as possible.
Do not make 90° turns; round all corners.
OUT
SAG
SGM9114
5th-Order
Filter
6dB
Level
Shifter
IN
VCC
GND
VCC = 3.0V to 5.5V
RIN
CIN
0.1µ
F
ROUT
RL
75
Ω
75
Ω
10k
Ω
To External Power
Supply or Control I/O
DISABLE
Figure 2. AC-Coupled Input/DC-Coupled Output


Similar Part No. - SGM9114

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
More results

Similar Description - SGM9114

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9113 SGMICRO-SGM9113 Datasheet
412Kb / 12P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9148 SGMICRO-SGM9148 Datasheet
431Kb / 10P
   5th-Order Video Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
SGM9124 SGMICRO-SGM9124 Datasheet
290Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
REV. A. 2
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9123 SGMICRO-SGM9123 Datasheet
545Kb / 9P
   Triple, 8MHz, 3rd Order SDTV Video Filter Drivers
logo
Fairchild Semiconductor
AN-42041 FAIRCHILD-AN-42041 Datasheet
213Kb / 5P
   5th-Order S-Video Filter/Driver Reduces NTSC/PAL System Parts Count
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com