Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2UC4W1H2D0300 Datasheet(PDF) 5 Page - Unictron Technologies Corporation

Part # H2UC4W1H2D0300
Description  GNSS Ceramic Chip Antenna
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2UC4W1H2D0300 Datasheet(HTML) 5 Page - Unictron Technologies Corporation

  H2UC4W1H2D0300 Datasheet HTML 1Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 2Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 3Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 4Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 5Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 6Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 7Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 8Page - Unictron Technologies Corporation H2UC4W1H2D0300 Datasheet HTML 9Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Datasheet: AA099 - H2UC4W1H2D0300
Page 5 / 27
Unique Electronics You Need
*Center frequency means the resonance frequency of chip antenna on the evaluation board.
Introduction Electrical Characteristics
Radiation Pattern Layout
Tuning
Packing
Notes
Electrical Table (WiFi Band 5150 – 5850MHz)
Characteristics
Specifications
Unit
Working Frequency
5150 – 9850MHz
MHz
Isolation (S21)
≤ -39 (typical)
dB
VSWR (@ center frequency)*
3 Max
Characteristic Impedance
50
Polarization
Linear Polarization
Peak Gain
( @1575.42 MHz)
2.3 (typical)
dBi
Efficiency
62 (typical)
%


Similar Part No. - H2UC4W1H2D0300

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U14W1H2A0100 UNICTRON-H2U14W1H2A0100 Datasheet
1Mb / 23P
   GNSS Ceramic Chip Antenna
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
H2U16V1A1A0100 UNICTRON-H2U16V1A1A0100 Datasheet
646Kb / 10P
   10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
H2U262GKBA0100 UNICTRON-H2U262GKBA0100 Datasheet
708Kb / 10P
   5x2.2x1.6 Bluetooth/Wi-Fi Chip Antenna (Standard)
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
More results

Similar Description - H2UC4W1H2D0300

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U94W1H1G0300 UNICTRON-H2U94W1H1G0300 Datasheet
1Mb / 27P
   GNSS Ceramic Chip Antenna
H2U14W1H2A0100 UNICTRON-H2U14W1H2A0100 Datasheet
1Mb / 23P
   GNSS Ceramic Chip Antenna
logo
Pulse A Technitrol Comp...
W3011A PULSE-W3011A Datasheet
1Mb / 16P
   1.575 GHz GNSS Ceramic Chip Antenna
logo
Molex Electronics Ltd.
2030070001 MOLEX-2030070001 Datasheet
302Kb / 5P
   GNSS/Wifi Combo Ceramic Antenna
2017/09/11
logo
Abracon Corporation
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
   BEIDOU / GPS / GNSS Chip Antenna
10.06.14
logo
Molex Electronics Ltd.
2156340001 MOLEX-2156340001 Datasheet
108Kb / 1P
   MOLEX GNSS LTCC CHIP ANTENNA
2020/12/01
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
   GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
   GNSS Antenna
logo
Linx Technologies
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
   L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
   L1/L2 Ceramic Patch GNSS Antenna
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com