Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2UE3P2D2G0100 Datasheet(PDF) 8 Page - Unictron Technologies Corporation

Part # H2UE3P2D2G0100
Description  LTE Full-Band Ceramic Chip Antenna
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2UE3P2D2G0100 Datasheet(HTML) 8 Page - Unictron Technologies Corporation

Back Button H2UE3P2D2G0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 9Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 10Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 11Page - Unictron Technologies Corporation H2UE3P2D2G0100 Datasheet HTML 12Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Datasheet: CC35D8-H2UE3P2D2G0100
Page 8 / 22
Unique Electronics You Need
-1
0
1
2
3
4
5
10
20
30
40
50
60
70
80
Frequency (MHz)
698 - 2600 MHz
Efficiency(%)
Peak Gain(dBi)
Frequency(MHz)
2490 2510 2530 2550 2570 2590 2610 2630 2650 2670 2690
Efficiency(dB)
-1.3 -1.3 -1.3 -1.3 -1.5 -1.6 -1.8 -1.9 -1.8 -2.0 -2.1
Efficiency(%)
74.6 73.8 73.3 74.1 70.5 69.2 66.6 64.4 66.3 63.1 62.2
Gain(dBi)
2.0
2.1
2.1
2.1
2.0
2.4
2.5
2.3
2.9
3.0
3.0
2.5 3D Efficiency vs. Frequency
Introduction Electrical Characteristics
Radiation Pattern Layout
Tuning
Packing
Notes


Similar Part No. - H2UE3P2D2G0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U14W1H2A0100 UNICTRON-H2U14W1H2A0100 Datasheet
1Mb / 23P
   GNSS Ceramic Chip Antenna
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
H2U16V1A1A0100 UNICTRON-H2U16V1A1A0100 Datasheet
646Kb / 10P
   10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
H2U262GKBA0100 UNICTRON-H2U262GKBA0100 Datasheet
708Kb / 10P
   5x2.2x1.6 Bluetooth/Wi-Fi Chip Antenna (Standard)
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
More results

Similar Description - H2UE3P2D2G0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PS-146200-001 MOLEX-PS-146200-001 Datasheet
322Kb / 5P
   Full LTE SMT Antenna
2016/02/22
logo
Abracon Corporation
ACAR4008-S698 ABRACON-ACAR4008-S698 Datasheet
862Kb / 9P
   4G/LTE Ceramic Chip Antenna
06.03.2019
ACAR3705-S698 ABRACON-ACAR3705-S698 Datasheet
1Mb / 9P
   4G/LTE Ceramic Chip Antenna
11.09.2018
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
logo
Suntsu Electronics, Inc...
SATCA-35A5A4A-CEB3 SUNTSU-SATCA-35A5A4A-CEB3 Datasheet
3Mb / 8P
   LTE Full Band / 3G / 2G
SATCA-40A5A6A-CEB3 SUNTSU-SATCA-40A5A6A-CEB3 Datasheet
2Mb / 8P
   LTE Full Band / 3G / 2G
logo
Abracon Corporation
ACR4006X ABRACON-ACR4006X Datasheet
1Mb / 11P
   5G NR/ 4G/ LTE Ceramic Chip Antenna
REVISED: 10-01-20
ACAR4008-S698-EVB ABRACON-ACAR4008-S698-EVB Datasheet
847Kb / 4P
   4G/LTE Ceramic Chip Antenna Evaluation Board
09-3-19
ACAR3705-S698-EVB ABRACON-ACAR3705-S698-EVB Datasheet
932Kb / 4P
   4G/LTE Ceramic Chip Antenna Evaluation Board
09-3-19
logo
Linx Technologies
ANT-450-CW-QW-SMA LINX-ANT-450-CW-QW-SMA Datasheet
1Mb / 8P
   Single-Band Monopole LTE/5G Antenna
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com