Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-200ADB12AA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # MDS-200ADB12AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-200ADB12AA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button MDS-200ADB12AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 10Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Medical AC-DC Enclosed Power Supply
12V 200W 2”x4” High Density / MDS-200ADB12 AA
9
Functions
Start-up Time
The time required for the output voltage to reach 90% of its set value, after the input voltage is applied.
Rise Time
The time required for the output voltage to change from 10% to 90% of its set value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 90% of its set value, after the input voltage is removed.
■Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Dynamic Response
The power supply output voltage will remain within ±5% of its
steady state value, when subjected to a dynamic load 50 to 100%
of its rated current.
■ 50 to 100% Load
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 6 under “Protections”. Power
supply will latch off, and require removal/re-application of input
AC voltage in order to restart.
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Similar Part No. - MDS-200ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-200ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB12AA DELTA-MDS-400ADB12AA Datasheet
708Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB12AA DELTA-MDS-300ADB12AA Datasheet
800Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com