Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-400ADB12AA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # MDS-400ADB12AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-400ADB12AA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  MDS-400ADB12AA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-400ADB12AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Medical AC-DC Enclosed Power Supply
12V 400W 3.5”x5.5” High Density MDS-400ADB12 AA
4
Mechanical
Case Cover
Enclosed cover(SPCC)
Dimensions(W x L x H typ.)
88.9x140.0x44.4mm (3.5x5.5x1.75 inch)
Unit Weight
605g(1.34lb)
Indicator
NA
Cooling System
TBD
Environment
Surrounding Air Temperature
Operating
Absolute Maximum/Minimum Rating.
-10°C to +70°C.
Linearly derate from 100% load at 50°C, to 50% load at
70°C (2.5%/ degree centigrade) for forced air.
Note: see power de-rating curves below
Storage
-40°C to+85°C
Operating Humidity
5-95% RH (Non-Condensing)
Operating Altitude
5,000 meters (16402 fts)
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2Grms, 15 minute for each three axis
Power De-rating curve
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)


Similar Part No. - MDS-400ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-400ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB12AA DELTA-MDS-200ADB12AA Datasheet
750Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB12AA DELTA-MDS-300ADB12AA Datasheet
800Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com