Electronic Components Datasheet Search |
|
HE751A1200 Datasheet(PDF) 2 Page - Littelfuse |
|
HE751A1200 Datasheet(HTML) 2 Page - Littelfuse |
2 / 3 page littelfuse.com © 2016 Littelfuse Revised: 03/04/16 Specifications are subject to change without notice. HE700 Miniature Dual In-line Reed Relay Reed Relays DIL Packaged > HE700 Table 2: Electrical and Operating Characteristics @ 25°C Column Number 1 2 3 4 Contact Type Form A SPST, DPST Standard Form C SPDT-CO Standard Form A SPST High Voltage Form B SPST-NC Standard Relay Types HE721, HE722 HE721C/E/R HE751 HE721 Contact Rating 1 Power, Switching Voltage, Switching Current, Switching Current, Carry Watt - max. Vdc - max. A - max. A - max. 10 200 0.5 1.2 5 175 0.25 1.5 10 300 0.5 1.2 10 200 0.5 1.5 Voltage Hold-off 4 Across Open Contacts Contacts to Coil Coil to E. Shield Between Isolated Terminals Vdc - min. Vac - min. Vac - min. Vac - min. 250 500 150 500 200 500 150 N/A 450 4000 N/A N/A 250 500 N/A N/A Resistance 5 Contact, Initial Insulation Across Open Contacts Insulation Between Isolated Terminals Ω max. Ω min. Ω min. 0.150 1010 1010 0.200 1010 1010 0.150 1010 1010 0.150 1010 1010 Timing Operate Time Release Time ms - max. ms - max. 1.0 1.0 3.0 3.0 1.0 1.0 1.0 1.0 Environmental Temperature, Operating Temperature, Storage Vibration Resistance Shock Resistance °C °C G - max. 10-2000 Hz. G - max. 11 ms ½ sine -40 to +85 -40 to +105 20 50 -40 to +85 -40 to +105 20 50 -20 to +85 -40 to +105 20 50 -40 to +85 -40 to +105 20 50 Part Numbering System HE7X - X - X - X - XX Contact Type A - Form A (SPST-NO or DPST-NO) B - Form B (SPST-NC) C - Form C (SPDT-CO) E - Form C (SPDT-CO) alternate foot print 1 R - Form C (SPDT-CO) alternate foot print 2 Number of Contacts 1 and 2 General Options 00 - No Options 10 - Coil Suppression Diode 20 - Electrostatic Shield 30 - Coil Diode and E.S. Shield 40 - External Magnetic Shield 50 - External Magnetic Shield and Diode Model Number HE72 - Standard HE75 - High Voltage Standard Coil 05 - 5 Volt 12 - 12 Volt 24 - 24 Volt Note: Not all combinations of Part Number suffixes are available. Contact Littelfuse for details. |
Similar Part No. - HE751A1200 |
|
Similar Description - HE751A1200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |