Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2400yURP Datasheet(PDF) 3 Page - Littelfuse

Part # K2400yURP
Description  RoHS Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2400yURP Datasheet(HTML) 3 Page - Littelfuse

  K2400yURP Datasheet HTML 1Page - Littelfuse K2400yURP Datasheet HTML 2Page - Littelfuse K2400yURP Datasheet HTML 3Page - Littelfuse K2400yURP Datasheet HTML 4Page - Littelfuse K2400yURP Datasheet HTML 5Page - Littelfuse K2400yURP Datasheet HTML 6Page - Littelfuse K2400yURP Datasheet HTML 7Page - Littelfuse K2400yURP Datasheet HTML 8Page - Littelfuse K2400yURP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications are subject to change without notice.
3
© 2016 Littelfuse, Inc.
Teccor® brand Thyristors
Revised: 11/28/16
Standard Unidirectional SIDACs
Figure 3: Power Dissipation vs. On-state Current
(Typical)
Pulse Base Width (t
O) - us
1
10
100
1000
1.010.0100.0
1000.0
5 Hz
60 Hz
5 kHz
120 Hz
1 kHz
di/dt Limit Line
I
TM
t
O
1/f
Figure 5: Repetitive Peak On-state Current(ITRM)
vs. Pulse Width at Various Frequencies of
K0820yU/K0900yU
1
10
100
110100
1000
Surge Current Duration -- Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: I
T RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Figure 4: Peak Non-repetitive Surge Current (I
TSM)
vs. Number of Cycles
Figure 7: Normalized V
BO Change vs. Junction
Temperature
Junction Temperature (T
J) -- °C
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
-40.00.0
40.0
80.0
120.0
160.0
K0xx0yU
K1xx0yU
K2000yU
K2200yU~K2500yU
Figure 8: Normalized DC Holding Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) -- °C
125
0.0
0.10.2
0.30.4
0.50.6
0.71.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
RMS On-state Current [I
T(RMS)] - Amps
0.80.9
Pulse Base Width (t
O) - us
1
10
100
1000
1.010.0100.0
1000.0
5 Hz
60 Hz
5 kHz
120 Hz
1 kHz
di/dt Limit Line
I
TM
t
O
1/f
Figure 6: Repetitive Peak On-state Current (ITRM)
vs. Pulse Width at Various Frequencies of
K1050yU~K2500yU


Similar Part No. - K2400yURP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2400Y LITTELFUSE-K2400Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2400Y LITTELFUSE-K2400Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2400YH LITTELFUSE-K2400YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
K2400YH LITTELFUSE-K2400YH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
More results

Similar Description - K2400yURP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com