Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE16A Datasheet(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # P4KE16A
Description  DO-41 Plastic-Encapsulate Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

P4KE16A Datasheet(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  P4KE16A Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd P4KE16A Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
//htmlimg2.alldatasheet.net/htmldatasheet2/951040/HDSEMI/P4KE16A/216/1/P4KE16A.png


Similar Part No. - P4KE16A

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
P4KE16A SY-P4KE16A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE16A UNSEMI-P4KE16A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE16A PANJIT-P4KE16A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P4KE16A SUNMATE-P4KE16A Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
logo
Yea Shin Technology Co....
P4KE16A YEASHIN-P4KE16A Datasheet
983Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE16A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
BA157 HDSEMI-BA157 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diode
SR1150 HDSEMI-SR1150 Datasheet
2Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
R2000-DO-41 HDSEMI-R2000-DO-41 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
SB120 HDSEMI-SB120 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
FR101 HDSEMI-FR101 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
SF11G-SF18G HDSEMI-SF11G-SF18G Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diodes
1N5817 HDSEMI-1N5817 Datasheet
1Mb / 4P
   DO - 41 Plastic-Encapsulate Diodes
DB3-DO-41 HDSEMI-DB3-DO-41 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
R1200 HDSEMI-R1200 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com