Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-5V15WXNA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PJ-5V15WXNA
Description  PJ Open Frame Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-5V15WXNA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PJ-5V15WXNA Datasheet HTML 1Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 2Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 3Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-5V15WXNA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
5V 15W 1 Phase / PJ-5V15WNA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (November 2014, Rev. 01)
1
PJ
Highlights & Features
Universal AC input voltage range
Low Inrush Current / Low Leakage Current
High efficiency
Conforms to harmonic current IEC/EN 61000-3-2, Class A
Conformal coating on PCBA to protect against chemical and
dust pollutants
Versatile configuration options: Open Frame, L Frame,
Enclosed
Long life capacitors
Safety Standards
CB Certified for worldwide use
Model Number:
PJ-5V15WNA
Unit Weight
:
0.06 kg (Open Frame)
0.15 kg (Enclosed)
Dimensions (L x W x D):
87.5 x 50 x 22 mm (Open Frame)
107.5 x 60 x 32 mm (Enclosed)
General Description
The PJ series of Open Frame Power Supply comes with universal AC input at 85Vac to 264Vac. Other features include low leakage /
Inrush current and conformal coating on the PCBAs to provide protection against dust and chemical pollutants. All products fulfill
Harmonic Current Emission according to IEC/EN 61000-3-2. The PJ series is certified for EMC standards according to EN 55011 for
industrial, scientific and medical (ISM) radio-frequency equipment and EN 55022 for Industrial Technology Equipment (ITE) radio-
frequency equipment and EMS according to EN 55024. In addition, the detachable input and output connectors are from JST and only
recognized Japanese capacitors are used.
Metal chassis and case cover are available as options for different installation preferences. The PJ series conforms to major
international safety standards according to EN/UL 60950-1 standards and are fully compliant with RoHS Directive 2011/65/EU for
environmental protection.
Model Information
PJ Open Frame Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
PJ-5V15WNA
85-264Vac
5Vdc
3.00A
Model Numbering
CC Code
PJ –
5V
15W
N
A
PJ Series
Output Voltage Output Power
Product Type
B - Open Frame
L - L Frame
C - Enclosed
Remote ON/OFF Function
N - No Remote ON/OFF
Delta Standard


Similar Part No. - PJ-5V15WXNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-5V15WCNA DELTA-PJ-5V15WCNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-5V15WLNA DELTA-PJ-5V15WLNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-5V15WXNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com