Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ15(C)A Datasheet(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # SMDJ15(C)A
Description  SMC Plastic-Encapsulate Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SMDJ15(C)A Datasheet(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  SMDJ15(C)A Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SMDJ15(C)A Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SMDJ15(C)A Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SMDJ15(C)A Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd SMDJ15(C)A Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd SMDJ15(C)A Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
//htmlimg2.alldatasheet.net/htmldatasheet2/951068/HDSEMI/SMDJ15(C)A/219/1/SMDJ15(C)A.png


Similar Part No. - SMDJ15(C)A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ15 ETC1-SMDJ15 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Shenzhen Luguang Electr...
SMDJ15 LUGUANG-SMDJ15 Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMDJ15 SOCAY-SMDJ15 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMDJ15 FS-SMDJ15 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ15 SOCAY-SMDJ15 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ15(C)A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
   SMC Plastic-Encapsulate Diodes
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
SMCJ HDSEMI-SMCJ Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
   SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1.5SMC HDSEMI-1.5SMC Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com