Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2210 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS2210
Description  Hall Effect Base Linear AC Current Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2210 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS2210_17 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2210_17 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2210_17 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2210_17 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2210_17 Datasheet HTML 5Page - Winson Semiconductor Corp. WCS2210_17 Datasheet HTML 6Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WCS2210
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/3/22
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vcc
3.0
12
V
Supply Current
Isupply
IP =0 A
3.3
6.0
mA
Zero Current Vout
V0G
IP =0 A
2.4
2.5
2.6
V
Primary Conductor Resistance
Rprimary
IP =10 A
0.4
m
Ω
Sensitivity
△Vout
IP= ± 8 A
110
130
150
mV/A
Current Offset
Ioffset
Vdd=5V
0.4
A
Bandwidth
BW
23
kHz
Measurable Current Range
MCR
Vdd=5V (DC)
±12
A
Vdd=5V (AC RMS )
8.5
Temperature Drift
△Vout
Ip =0 A
±1.2
mV/℃
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any resistor load on output pin, it will degrade IC’s performance.
Electrical Diagram:
V0G vs. Vdd
0
1
2
3
4
5
6
7
3
4
5
6
7
8
9
10
11
12 V
Isupply vs. Vdd
0
1
2
3
4
5
6
1
2
3
4
5
6
7
8
9
10


Similar Part No. - WCS2210_17

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS2210 WINSON-WCS2210 Datasheet
430Kb / 6P
   Hall Effect Base Linear AC Current Sensor
More results

Similar Description - WCS2210_17

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS2202 WINSON-WCS2202_17 Datasheet
415Kb / 6P
   Hall Effect Base Linear AC Current Sensor
WCS2210 WINSON-WCS2210 Datasheet
430Kb / 6P
   Hall Effect Base Linear AC Current Sensor
WCS2202 WINSON-WCS2202 Datasheet
416Kb / 6P
   Hall Effect Base Linear AC Current Sensor
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
   Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
   Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
   Hall Effect Base Linear Current Sensor
2017/12/20
logo
Winson Semiconductor Co...
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
   Hall Effect Base Linear Current Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com