Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS2750 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WCS2750
Description  Hall Effect Base Linear Current Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2750 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WCS2750_17 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2750_17 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2750_17 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WCS2750
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7
Page 2
Function Block:
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vcc
3.0
12
V
Supply Current
Isupply
IP =0 A
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A
2.4
2.5
2.6
V
Primary Conductor Resistance
Rprimary
IP =10 A
85
μΩ
Sensitivity
△Vout
IP= ±10 A
27
32
37
mV/A


Similar Part No. - WCS2750_17

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS2750 WINSON-WCS2750 Datasheet
429Kb / 3P
   Hall Effect Base Linear Current Sensor
More results

Similar Description - WCS2750_17

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
   Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
   Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
   Hall Effect Base Linear Current Sensor
2017/12/20
logo
Winson Semiconductor Co...
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2720 WINSON-WCS2720_17 Datasheet
437Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2801 WINSON-WCS2801_17 Datasheet
642Kb / 5P
   Hall Effect Base Linear Current Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com