Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9320-C02-10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9320-C02-10
Description  Powerware 9320 10-60 kVA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9320-C02-10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9320-C02-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9320-C02-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9320-C02-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9320-C02-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TODAY
TOMORROW
Front-end Web servers
Application server
Database server
Storage
Server blade architecture will eventually morph today’s multi-tiered networks into dense, interchangeable blade
networks. Each blade will perform a specific task or act as a fall-over or clustered server. This is an example of how
technology innovation is driving change in the structure of the data center and how Eaton leads the way in power
infrastructure adaptation.
Each layer includes several server blades.
Each blade performs one of the listed tasks.
Application servers
Database servers
Caching servers
Web servers
Storage servers
Firewall servers
Fail-over servers
Clustered servers
Storage
SPECIFICATIONS
System Information
Powerware 9320-C02 and 9320-C03
Technology
Online, double - conversion
Design
Modular, expandable for redundancy or capacity
Parallel Topology
Distributed parallel with de-centralized logic control
Bypass Topology
Distributed parallel with de-centralized bypass system
Using 10 kVA modules
Using 20 kVA modules
Model 10
Model 20
Model 30
Model 20
Model 40
Model 60
10 kVA/8 kW
20 kVA/16 kW
30 kVA/24 kW
20 kVA/16 kW
40 kVA/32 kW
60 kVA/48 kW
Input
Input voltage
VAC
208Y/120
Input voltage range 100% load
V (%)
208 (+15/-20)
Input voltage range 75% load
V (%)
208 (+15/-30)
Maximum UPS input battery discharged
kW (A)
11 (30)
21 (60)
32 (90)
21 (60)
43 (121)
64 (183)
Input current distortion
%
<10
Input power factor
> 0.98 @ 100% load / > 0.95% @ 50% load
Input frequency
Hz
40-80
Output
Output voltage
VAC
208Y/120
AC output
A
28
56
83
56
111
167
Frequency
Hz
60
Output power factor
0.8
Output waveform
Sine-wave
1
1


Similar Part No. - 9320-C02-10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9320-0605000 BELDEN-9320-0605000 Datasheet
168Kb / 2P
   High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9320-060U1000 BELDEN-9320-060U1000 Datasheet
168Kb / 2P
   High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9320-060U500 BELDEN-9320-060U500 Datasheet
168Kb / 2P
   High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9320-C02-10

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
NERM NOVA-NERM Datasheet
7Mb / 4P
   True-on-Line UPS System 6-400 KVA
logo
Emerson Network Power
HS1B50 EMERSON-NETWORKPOWER-HS1B50 Datasheet
326Kb / 10P
   Automation Transformers - Non-Ventilated 50 VA to 45 kVA
July 2020
logo
PHOENIX CONTACT
3005154 PHOENIX-3005154 Datasheet
137Kb / 6P
   UK 10-DREHSILED 60 (5X20)
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
logo
Texas Instruments
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
ON Semiconductor
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com