Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV1604-12UC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV1604-12UC
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1604-12UC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV1604-12UC Datasheet HTML 1Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 2Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 3Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 4Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 5Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 6Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 7Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 8Page - ATMEL Corporation AT49BV1604-12UC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AT49BV1604(T)/1614(T)
3
A VPP pin is provided to improve program/erase times. This
pin can be tied to VCC. To take advantage of faster pro-
gramming and erasing, the pin should supply 4.5 to 5.5
volts during program and erase operations.
A six byte command (bypass unlock) sequence to remove
th e req uirem ent of ente ri ng the three byte prog ra m
sequence is offered to further improve programming time.
After entering the six byte code, only single pulses on the
write control lines are required for writing into the device.
This mode (single pulse byte/word program) is exited by
powering down the device, or by pulsing the RESET pin
low for a minimum of 50 ns and then bringing it back to V
CC.
Erase and Erase Suspend/Resume commands will not
work while in this mode; if entered they will result in data
being programmed into the device. It is not recommended
that the six byte code reside in the software of the final
product but only exist in external programming code.
For the AT49BV1614(T), the BYTE pin controls whether
the device data I/O pins operate in the byte or word config-
uration. If the BYTE pin is set at logic “1”, the device is in
word configuration, I/O0-I/O15 are active and controlled by
CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte con-
figuration, and only data I/O pins I/O0 - I/O7 are active and
controlled by CE and OE. The data I/O pins I/O8 - I/O14
are tri-stated, and the I/O15 pin is used as an input for the
LSB (A-1) address function.
Block Diagram
Device Operation
READ: The AT49BV16X4(T) is accessed like an EPROM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins are
asserted on the outputs. The outputs are put in the high
impedance state whenever CE or OE is high. This dual-line
contro l gives design ers flexib ility in preventing bu s
contention.
COMMAND SEQUENCES: When the device is first pow-
ered on it will be reset to the read or standby mode
depending upon the state of the control line inputs. In order
to perform other device functions, a series of command
sequences are entered into the device. The command
sequences are shown in the Command Definitions table
(I/O8 - I/O15 are don't care inputs for the command codes).
IDENTIFIER
REGISTER
STATUS
REGISTER
DATA
COMPARATOR
OUTPUT
BUFFER
INPUT
BUFFER
COMMAND
REGISTER
Y-GATING
WRITE STATE
MACHINE
PROGRAM/ERASE
VOLTAGE SWITCH
CE
WE
OE
RESET
BYTE
RDY/BUSY
VPP
VCC
GND
Y-DECODER
X-DECODER
INPUT
BUFFER
ADDRESS
LATCH
I/O0 - I/O15/A-1
A0 - A19
PLANE B
SECTORS
PLANE A SECTORS


Similar Part No. - AT49BV1604-12UC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604-12UC ATMEL-AT49BV1604-12UC Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1604-12UC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com