Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200NHG2B-690 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 200NHG2B-690
Description  690 Volts gG/gL NH Fuse links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

200NHG2B-690 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  200NHG2B-690 Datasheet HTML 1Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 2Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 3Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 4Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 5Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 6Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 7Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 8Page - List of Unclassifed Manufacturers 200NHG2B-690 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data 720109
Effective September 2015
Bussmann series
690 Volts gG/gL NH Fuse links
EATON www.eaton.com
Catalogue symbol:
(amp)NHG(size)B-690 with conducting metal gripping lugs
Fuse size:
000 to 4*
Technical data:
Volts: 690 V a.c.
Amps: 2 to 800 A
Breaking capacity: 120 kA AC
Operating frequency: 45-62 Hz
Class of operation: gG/gL
Standards/Approvals:
IEC 60269
VDE 0636
DIN 43620
Microswitches:
170H0236
BVL50
Packaging:
Sizes 000 to 3: 3 per carton
Size 4: 1 per carton
Size - mm
Table 1. NH Sizes
Size
a1
a2
(max)
a3
a4
b
c1
c2
d
e1
(max)
e2
(max)
e3
(max)
e4
f
(max)
000
78.5 ± 1.5
54
45±1.5
49±1.5
15
35
10
2±0.5
41
21
16
6
8
00
78.5 ± 1.5
54
45±1.5
49±1.5
15
35
11
2±0.5
48
30
25
6
15
1
135±2.5
75
62±2.5
68±2.5
20
40
11
2.5±0.5
53
40
25
6
15
2
150±2.5
75
62±2.5
68±2.5
25
48
11
2.5±0.5
61
53
25
6
15
3
150±2.5
75
62±2.5
68±2.5
32
60
11
3±0.5
75
70
25
6
18
4*
200±3
84
62±2.5
90±3
50
85
10
3±0.5
102
87
25
8
30
* Single indication slotted tags
Fuse holders (ordered separately)
Fuse bases 1 pole:
DIN-Rail mounting SD(size)-D
Screw mounting SD(size)-S
Fuse bases 3 pole
DIN-Rail mounting TD(size)-D


Similar Part No. - 200NHG2B-690

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
200NHG2B-690 COOPER-200NHG2B-690 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
200NHG2B-690 COOPER-200NHG2B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
More results

Similar Description - 200NHG2B-690

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Schurter Inc.
NH-DIN00-DIN00C500V SCHURTER-NH-DIN00-DIN00C500V Datasheet
377Kb / 3P
   Fuse NH-DIN00-DIN00C 500V (gG)
14.09.2021
logo
Cooper Bussmann, Inc.
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com