Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM25060-3MW14 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HM25060-3MW14
Description  ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM25060-3MW14 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HM25060-3MW14 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 8Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 9Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 10Page - List of Unclassifed Manufacturers HM25060-3MW14 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Technical Data 10490
Effective June 2016
Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
Eaton.com/bussmannseries
600 V, 30 A dimensions — mm (in)
Catalog nos. HM60030-(poles)MW14 — One port in, four ports out (covers not available)
2.0
.08
2.1
.08
R3.5
.14
7.1
.28
4.0
.16
158.8
6.25
160.0
6.30
30.8
1.21
39.8
1.56
39.8
1.56
60.2
2.37
29.4
1.16
29.4
1.16
89.6
3.53
15.5
.61
28.5
1.12
6.5
.26
29.4
1.16
21.4
.84
45.8
1.80


Similar Part No. - HM25060-3MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-3MW14 COOPER-HM25060-3MW14 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
More results

Similar Description - HM25060-3MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
   UL1953 Power Distribution Blocks
logo
Cooper Bussmann, Inc.
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
   Power Distribution & Terminal Blocks
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com