Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C256-255JC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM27C256-255JC
Description  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-255JC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM27C256-255JC Datasheet HTML 2Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 3Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 4Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 5Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 6Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 7Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 8Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 9Page - Advanced Micro Devices AM27C256-255JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMD
2-37
Am27C256
FUNCTIONAL DESCRIPTION
Erasing the Am27C256
In order to clear all locations of their programmed con-
tents, it is necessary to expose the Am27C256 to an
ultraviolet light source. A dosage of 15 W sec/cm2 is
required to completely erase an Am27C256. This dos-
age can be obtained by exposure to an ultraviolet amp—
wavelength of 2537 A
°—with intensity of 12,000 µW/cm2
for 15 to 20 minutes. The Am27C256 should be directly
under and about one inch from the source and all filters
should be removed from the UV light source prior
to erasure.
It is important to note that the Am27C256 and similar
devices will erase with light sources having wavelengths
shorter than 4000 A
°. Although erasure times will be
much longer than with UV sources at 2537 A
°, exposure
to fluorescent light and sunlight will eventually erase the
Am27C256 and exposure to them should be prevented
to realize maximum system reliability. If used in such an
environment, the package window should be covered
by an opaque label or substance.
Programming the Am27C256
Upon delivery or after each erasure the Am27C256 has
all 262,144 bits in the “ONE” or HIGH state. “ZEROs”
are loaded into the Am27C256 through the procedure
of programming.
The programming mode is entered when 12.75 V
± 0.25 V is applied to the VPP pin, OE is at VIH, and CE is
at VIL.
For programming, the data to be programmed is applied
8 bits in parallel to the data output pins.
The Flashrite algorithm reduces programming time by
using 100
µs programming pulses and by giving each
address only as many pulses as is necessary in order to
reliably program the data. After each pulse is applied to
a given address, the data in that address is verified. If
the data does not verify, additional pulses are given until
it verifies or the maximum is reached. This process is re-
peated while sequencing through each address of the
Am27C256. This part of the algorithm is done at
VCC = 6.25 V to assure that each EPROM bit is pro-
grammed to a sufficiently high threshold voltage. After
the final address is completed, the entire EPROM mem-
ory is verified at VCC = VPP = 5.25 V.
Please refer to Section 6 for programming flow chart
and characteristics.
Program Inhibit
Programming of multiple Am27C256 in parallel with dif-
ferent data is also easily accomplished. Except for
CE,
all like inputs of the parallel Am27C256 may be com-
mon. A TTL low-level program pulse applied to an
Am27C256
CE input with VPP = 12.75 V
± 0.25 V, and
OE High will program that Am27C256. A high-level CE
input inhibits the other Am27C256 devices from
being programmed.
Program Verify
A verify should be performed on the programmed bits to
determine that they were correctly programmed. The
verify should be performed with
OE at VIL, CE at VIH, and
VPP between 12.5 V to 13.0 V.
Auto Select Mode
The auto select mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and type. This mode is intended for use by programming
equipment for the purpose of automatically matching
the device to be programmed with its corresponding
programming algorithm. This mode is functional in the
25
°C ± 5°C ambient temperature range that is required
when programming the Am27C256.
To activate this mode, the programming equipment
must force 12.0 V
± 0.5 V on address like A9 of the
Am27C256. Two identifier bytes may then be se-
quenced from the device outputs by toggling address
line A0 from VIL to VIH. All other address lines must be
held at VIL during auto select mode.
Byte 0 (A0 = VIL) represents the manufacturer code, and
byte 1 (A0 = VIH), the device code. For the Am27C256,
these two identifier bytes are given in the Mode Select
Table. All identifiers for manufacturer and device codes
will possess odd parity, with the MSB (DQ7) defined as
the parity bit.
Read Mode
The Am27C256 has two control functions, both of which
must be logically satisfied in order to obtain data at the
outputs. Chip Enable (
CE) is the power control and
should be used for device selection. Output Enable (
OE)
is the output control and should be used to gate data to
the output pins, independent of device selection. As-
suming that addresses are stable, address access time
(tACC) is equal to the delay from CE to output (tCE). Data
is available at the outputs tOE after the falling edge of
OE, assuming that CE has been LOW and addresses
have been stable for at least tACC–tOE.
Standby Mode
The Am27C256 has a CMOS standby mode which re-
duces the maximum VCC current to 100
µA. It is placed in
CMOS-standby when
CE is at VCC
± 0.3 V. The
Am27C256 also has a TTL-standby mode which re-
duces the maximum VCC current to 1.0 mA. It is placed in
TTL-standby when
CE is at VIH. When in standby mode,
the outputs are in a high-impedance state, independent
of the
OE input.


Similar Part No. - AM27C256-255JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256-255JC AMD-AM27C256-255JC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Similar Description - AM27C256-255JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com