Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184T533L Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1184T533L
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184T533L Datasheet(HTML) 4 Page - Anachip Corp

  AP1184T533L Datasheet HTML 1Page - Anachip Corp AP1184T533L Datasheet HTML 2Page - Anachip Corp AP1184T533L Datasheet HTML 3Page - Anachip Corp AP1184T533L Datasheet HTML 4Page - Anachip Corp AP1184T533L Datasheet HTML 5Page - Anachip Corp AP1184T533L Datasheet HTML 6Page - Anachip Corp AP1184T533L Datasheet HTML 7Page - Anachip Corp AP1184T533L Datasheet HTML 8Page - Anachip Corp AP1184T533L Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
4/11
Electrical Characteristics(Continued)
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150
oC. Typical value refer to Tj=25oC.
Vout=Vsense.
Sym.
Parameter
Test Condition
Min. Typ. Max. Unit
Thermal Regulation 30mS Pulse
0.01
0.02
%/W
Ripple Rejection
Vctrl =5V, Vin=5V, Io=4A, Vadj=0V, Tj=25, Vripple=1Vpp at
120Hz
60
70
dB
Control Pin Current
Vadj=0V for all conditions below.
Vctrl =2.75V, Vin=2.05V, Io=1.5A
Vctrl =2.75V, Vin=2.05V, Io=3A
Vctrl=2.75V, Vin=2.05V, Io=4A
6
30
33
25
60
70
mA
Iadj Adjust Pin Current
Vctrl=2.75V, Vin=2.05,Vadj=0
50
150
µA
JC
θ
Thermal Resistance
Junction-to-Case
TO-263: Control Circuitry/Power Transistor
TO-220: Control Circuitry/Power Transistor
SOP-7: Control Circuitry/Power Transistor
3.5
2.5
20
OC/W
OC/W
OC/W
NOTE:
AP1184-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable
maximum junction temperature.
Package
Max Pd.
Remarks
TO263/TO220
2.4W~4.4W
With heat sink or amount of copper board needed.
SOP7
1W~2W
With heat sink or amount of copper board needed.
Functional Descriptions
Introduction
The AP1184 regulator is 5 terminal device designed
specifically to provide extremely low dropout
voltages comparable to the PNP type without the
disadvantage of the extra power dissipation due to
the base current associated with PNP regulators.
This is done by bringing out the control pin of the
regulator that provides the base current to the
power NPN and connecting it to a voltage that is
greater than the voltage present at the Vin pin. This
flexibility makes the AP1184 ideal for applications
where dual inputs are available such as a computer
motherboard with an ATX style power supply that
provides 5V and 3.3V to the board. One such
application is the new graphic chip sets that require
anywhere from 2.4V to 2.7V supply. The AP1184
can easily be programmed with the addition of two
external resistors to any voltages within the range
of 1.25V to 15.5V. Another major requirement of
these graphic chips is the need to switch the load
current from zero to several amps in tens of
nanoseconds
at
the
processor
pins,
which
translates to an approximately 300 to 500ns of
current step at the regulator. In addition, the output
voltage tolerances are also extremely tight and they
include the transient response as part of the
specification.
The AP1184 is specifically designed to meet the
fast current transient needs as well as providing an
accurate initial voltage, reducing the overall system
cost with the need for fewer number of output
capacitors. Another feature of the device is its true
remote sensing capability that allows accurate
voltage setting at the load rather than at the device.
Output Voltage Setting
The AP1184-ADJ can be programmed to any
voltages in the range of 1.25V to 15.5V with the
addition of R1 and R2 external resistors according
to the following formula:


Similar Part No. - AP1184T533L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184T533L-13 DIODES-AP1184T533L-13 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
AP1184T533L-U DIODES-AP1184T533L-U Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
More results

Similar Description - AP1184T533L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com