Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


BC557 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. BC557
Description  Switching and Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC556
: BC557/560
: BC558/559
-80
-50
-30
V
V
V
VCEO
Collector-Emitter Voltage
: BC556
: BC557/560
: BC558/559
-65
-45
-30
V
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-15
nA
hFE
DC Current Gain
VCE= -5V, IC=2mA
110
800
VCE
(sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-90
-250
-300
-650
mV
mV
VBE (sat)
Collector-Base Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-700
-900
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
VCE= -5V, IC= -10mA
-600
-660
-750
-800
mV
mV
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA, f=10MHz
150
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
NF
Noise Figure
: BC556/557/558
: BC559/560
: BC559
: BC560
VCE= -5V, IC= -200µA
f=1KHz, RG=2KΩ
VCE= -5V, IC= -200µA
RG=2KΩ, f=30~15000MHz
2
1
1.2
1.2
10
4
4
2
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
BC556/557/558/559/560
Switching and Amplifier
• High Voltage: BC556, VCEO= -65V
• Low Noise: BC559, BC560
• Complement to BC546 ... BC 550
1. Collector 2. Base 3. Emitter
TO-92
1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA1625PNP SILICON TRANSISTOR general purpose amplifier and high speed switching 1 2 3 4 NEC
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
2SA1954TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
CSB772Audio Frequency Power Amplifier and Low Speed Switching 1 2 3 Continental Device India Limited
HN9013NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications       1 2 3 4 5 Semtech Corporation
2SA1626PNP SILICON TRANSISTOR general purpose amplifier and high speed switching 1 2 NEC
2SC4173HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 NEC
2SA1955TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
C45C8Medium Power Switching and Amplifier Applications 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl