Electronic Components Datasheet Search |
|
LPGSCK611RLBH Datasheet(PDF) 2 Page - Carling Technologies |
|
LPGSCK611RLBH Datasheet(HTML) 2 Page - Carling Technologies |
2 / 4 page Email: sales@carlingtech.com Application Support: team2@carlingtech.com Phone: (860) 793–9281 Fax: (860) 793–9231 www.carlingtech.com 2 | LRG-Series Rocker & Paddle Switches - General Specifications, Ordering Scheme, Dimensional Specifications *Manufacturer reserves the right to change product specification without prior notice. Dielectric Strength TERMINAL TYPE SOLDER LUG WIRE LEAD .275[6.99] 1.125[28.58] .500[12.70] 6.000[152.40] .187[4.75] .125[3.18] X .150[3.81] .784[19.91] 1.072[27.23] .866[22.00] TEST CUT HOLE IN ACTUAL MATERIAL TEST CUT HOLE IN ACTUAL MATERIAL +.004[.10] -.000[.00] LRGSC LRGSE MOUNTING HOLE Panel Thickness: .025 min - .187 max. Specific cutout dimension range dependent on panel thickness and material. RGSE RGSC 1.176[29.87] 1.070[27.17] 1.180[29.97] .725[18.42] .375[9.53] 1.086[27.58] 1.145[29.08] .080[2.03] 1.240[31.50] .215[5.46] 1.181[30.00] .872[22.15] 1.000[25.4] +.000[.00] -.004[.10] .250[6.35] .250 TAB (Q.C.) Electrical Life Mechanical Life Operating Temperature UL/CSA: 1000V - live to dead metal parts & opposite polarity 50,000 cycles 100,000 cycles -40°F to 185°F (-40°C to 85°C) 1 Base Part Number 2 Actuator Style 3 Actuator Color 4 Bezel Color 5 Rocker Legend 6 Lamp Voltage LRGSCK611 R S B B 250N / 2 ACTUATOR STYLE R Rocker (translucent) C Rocker (clear) 3 ACTUATOR COLOR A Amber B 3,5 Blue C 4 White/Clear G 5 Green L 3 Lime Green P Yellow R Red (clear) S Red W Pale Red 4 BEZEL COLOR 1 B Black W White 6 LAMP VOLTAGE 2 006V 6V incandescent 012V 12V incandescent 018V 18V incandescent 024V 24V incandescent 125N 125V neon 250N 250V neon 5 ROCKER LEGEND hot stamp NO LEGEND 0 OFF-ON vertical A OFF-ON horizontal B O-I horizontal D O-I vertical E Dual OFF-ON, O-I vertical H Dual OFF-ON, O-I horizontal J 1 BASE PART NUMBER: SERIES / CIRCUITRY / RATING 1 / TERMINATION 15A 250 VAC, 20A 125 VAC, 3/4 HP 125-250 VAC Solder Lugs .250 Tabs Wire Leads Standard Base OFF-NONE-ON LRGSCK610 LRGSCK611 LRGSCK615 European Base (22 x 30 mm cutout) OFF-NONE-ON (Single Pole) LRGSEK610 LRGSEK611 LRGSEK615 15A 6-24 V 3 Standard Base OFF-NONE-ON LRGSCK510 LRGSCK511 LRGSCK515 European Base (22 x 30 mm cutout) OFF-NONE-ON (Single Pole) LRGSEK510 LRGSEK511 LRGSEK515 Notes: 1 Additional ratings, colors and clear style actuators are available. Consult factory. 2 Incandescent lamps must specify 15A 24V rating only. 3 Available with incandescent lamps only. 4 Clear color provided where specified with clear style rocker. 5 Available with clear style rocker only. |
Similar Part No. - LPGSCK611RLBH |
|
Similar Description - LPGSCK611RLBH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |