Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGR-6101 Datasheet(PDF) 11 Page - Littelfuse

Part # PGR-6101
Description  GROUND-FAULT & INSULATION MONITOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGR-6101 Datasheet(HTML) 11 Page - Littelfuse

Back Button PGR-6101 Datasheet HTML 7Page - Littelfuse PGR-6101 Datasheet HTML 8Page - Littelfuse PGR-6101 Datasheet HTML 9Page - Littelfuse PGR-6101 Datasheet HTML 10Page - Littelfuse PGR-6101 Datasheet HTML 11Page - Littelfuse PGR-6101 Datasheet HTML 12Page - Littelfuse PGR-6101 Datasheet HTML 13Page - Littelfuse PGR-6101 Datasheet HTML 14Page - Littelfuse PGR-6101 Datasheet HTML 15Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Page 7
PGR-6101 Ground-Fault & Insulation Monitor
Rev. 0-B-020614
MAXIMUM
VOLTAGE
AC 6000V
DANGER
HIGH VOLTAGE
ATTENTION!
BOTH GROUND CONNECTIONS
MUST BE MADE AND SECURED
BEFORE CONNECTIONS TO
THE RELAY AND THE
HIGH VOLTAGE LINE
PGH-6000
6kV HIGHTENSION COUPLER
POWR-GARD
A
MAXIMUM
VOLTAGE
AC 6000V
PGH-6000
6kV HIGHTENSION COUPLER
POWR-GARD
HIGH VOLTAGE
ATTENTION!
BOTH GROUND CONNECTIONS
MUST BE MADE AND SECURED
BEFORE CONNECTIONS TO
THE RELAY AND THE
HIGH VOLTAGE LINE
DANGER
EE M
Revision:
Coupling Voltage:
PGH-6000
PGH-6000
6 KV HIGH TENSION
COUPLER
Serial No:
1-800-TEC-FUSE (1-800-832-3873)
Made in Saskatoon, Canada
Impedance to Ground:
Current to Ground:
2.5 mA Max.
Formerly HTC 6000
E
M
RELAY
E
HT
PGH-6000
A
6,000 Vac Max.
> 2 M
Æ
Æ
145.0
(5.71)
120.0
(4.72)
12.50
(0.49)
915.0 (36.00) LONG
98.5
(3.88)
FRONT
SIDE
NOTES:
1. DIMENSIONS IN MILLIMETRES (INCHES).
2. MOUNTING HOLES: 6.35 (0.25).
3. ALL GROUND CONNECTIONS MUST BE
MADE AND SECURED BEFORE
CONNECTION TO RELAY AND HIGH
VOLTAGE LINE.
4. CORD PROVIDED IS APPROXIMATELY
915.0 (36.00) LONG.
FIGURE 5. PGH-6000 Outline and Mounting Details.


Similar Part No. - PGR-6101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
More results

Similar Description - PGR-6101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Littelfuse
WKE60 LITTELFUSE-WKE60 Datasheet
278Kb / 4P
   Ground Fault Relays
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com