Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4201FV Datasheet(PDF) 4 Page - Rohm

Part # BD4201FV
Description  Battery Backup IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4201FV Datasheet(HTML) 4 Page - Rohm

  BD4201FV Datasheet HTML 1Page - Rohm BD4201FV Datasheet HTML 2Page - Rohm BD4201FV Datasheet HTML 3Page - Rohm BD4201FV Datasheet HTML 4Page - Rohm BD4201FV Datasheet HTML 5Page - Rohm BD4201FV Datasheet HTML 6Page - Rohm BD4201FV Datasheet HTML 7Page - Rohm BD4201FV Datasheet HTML 8Page - Rohm BD4201FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BD4201FV
Regulators
4/8
Electrical characteristics (Unless otherwise specified Vin=6V, Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
lin1
lbat1
lbat2
Vro
Vdif1
Vlo1
Vli1
Vlo2
Vli2
Vout
Vdif2
Vlo3
Vli3
Vdif3
Vch
2.93
2.93
−−
10
0.0
1.5
3.32
3.00
0.1
30
50
3.00
0.25
30
60
3.30
0.1
30
50
15
0.5
2.1
3.07
0.35
3.07
0.35
100
100
110
110
110
110
3.38
0.35
µA
µA
µA
V
V
mV
mV
V
V
mV
mV
V
V
V
V
V
V
V
V
V
mV
mV
Vin=3.6V
No load
Vin=3.6V Vbat=3V
No load
Vin : Open Vbat=3V
No load
Vin=7.2V, lro=3mA
Vin=7.2V, lout=23mA
lro=3mA
Vin=7.2V, lro=100
µA∼20mA
Vin=4
∼10V, lro=3mA
lout=23mA
Vin=7.2V, lout=100
µA∼60mA
Vin=4
∼10V, lout=23mA
Vin=7.2V, lch=3mA
lch=3mA
Vin=7.2, Ich=100
µA∼20mA
Vin=4
∼10V, lch=3mA
[Voltage detect block]
CS detect voltatge
CS no output voltage
Vbat switch leak current
Vbat switch resistor
CS release voltage
CS sink current
CS leak current
Low operating voltage
Switch voltage
[Switch control block]
−Vdet1
+Vdet1
−Vdet2
+Vdet2
+Tdet2
Vopr
lcss
lcst
lres
lrel
Vsw1
Vsw2
IIek
Rsw
3.235
3.320
2.156
2.232
200
3.300
3.400
2.200
2.312
3.365
3.480
2.244
2.391
300
2.0
250
500
300
30
150
2.822
2.79
2.89
2.85
60
1
2.958
2.91
RESET detect voltage
RESET release voltage
RESET release delay time
RESET sink current
RESET leak curent
0.1
0.1
µS
µA
µA
µA
µA
µA
Vin voltage detection
Vout voltage detection
Vin or Vbat
Vcs=0.5V, Vin=Vbat=2.0V
Vcs=15V, Vin=15V
Vbat=2.8V
Vbat=3V
Vin=3.6V, Vbat=0V
Vin=OPEN, Vbat=3V, Iout=10~500
µA
This product is not designed for protection against radioactive rays.
[General spec]
Main circuit current1
Backup circuit current1
Backup circuit current2
[Regulator1]
[Regulator2]
Output voltage 1
Output voltage 2
Dropout voltage 1
Load regulation 1
Linc regulation 1
Dropout voltage 2
Load regulation 2
Load regulation 3
Linc regulation 2
[Regulator3]
Output voltage 3
Dropout voltage 3
Linc regulation 3
Vreset=0.5V, Vin=Vbat=2.0V
Vreset=15V, Vin=15V


Similar Part No. - BD4201FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4210EKN ROHM-BD4210EKN Datasheet
382Kb / 6P
   Strobe Charge Control IC
BD4211FV ROHM-BD4211FV Datasheet
271Kb / 6P
   Strobe Charge Control IC
logo
Sumida Corporation
BD4215 SUMIDA-BD4215 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Rohm
BD4215NUV ROHM-BD4215NUV Datasheet
261Kb / 5P
   Silicon monolithic integrated circuit
BD4216NUV ROHM-BD4216NUV Datasheet
173Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD4201FV

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com