Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55MID35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # W55MID35
Description  Transponder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55MID35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  W55MID35 Datasheet HTML 1Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 2Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 3Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 4Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 5Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 6Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 7Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 8Page - List of Unclassifed Manufacturers W55MID35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W55MID35 DataSheet
Nuvoton Technology Corp., confidential
4
Revision: A5.0
Publish Date:
Mar. 2009
- 4 -
Revision A1
- 4 -
Revision A1
1.2 W55MID35 Pad Description
Symbol
Pad
No.
I/O
Functional Description
NRST
1
--
Testing only, no connection
RS4
2
I
3-state bonding finger
RS3
3
I
3-state bonding finger
RS2
4
I
3-state bonding finger
RS1
5
I
3-state bonding finger
RS0
6
I
3-state bonding finger
VSS
7
Ground
Ground return path
COIL0
8
I/O
Coupling energy input and customer-ID output
COIL1
9
I/O
Coupling energy input and customer-ID output
DO
10
--
Testing only, no connection
VDD
11
Power
Power path
OPTION
12
I
Option of Unique-ID operation (set OPTION="1") or Repeated-ID
operation (set OPTION="0")


Similar Part No. - W55MID35

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55MID35 NUVOTON-W55MID35 Datasheet
327Kb / 10P
   Nuvoton MFIDWB Transponder
More results

Similar Description - W55MID35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ACC-SHT3-00 TI1-RI-ACC-SHT3-00 Datasheet
106Kb / 3P
[Old version datasheet]   TRANSPONDER SHEETING
logo
Sonardyne sound in dept...
7815-000-07 SONARDYNE-7815-000-07 Datasheet
143Kb / 2P
   Coastal Transponder
logo
TDK Electronics
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
logo
Pepperl+Fuchs Inc.
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
   RFID Transponder
IPC11-20 PF-IPC11-20 Datasheet
276Kb / 3P
   RFID Transponder
IQC21-10 PF-IQC21-10 Datasheet
364Kb / 3P
   RFID Transponder
IQC21-12.4 PF-IQC21-12.4 Datasheet
441Kb / 4P
   RFID Transponder
IUC72-F152-M-FR2 PF-IUC72-F152-M-FR2 Datasheet
521Kb / 2P
   RFID Transponder
IUC76-28ST-M-FR1 PF-IUC76-28ST-M-FR1 Datasheet
603Kb / 2P
   RFID Transponder
IUC76-34-M-FR2 PF-IUC76-34-M-FR2 Datasheet
846Kb / 2P
   RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com