Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55P241 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W55P241
Description  I/O device usable with many different microprocessors through SPI interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55P241 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W55P241 Datasheet HTML 2Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 3Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 4Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 5Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 6Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 7Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 8Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 9Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
W55P241
- 6 -
5.1.1
Physical Connection
The uC master may connect up to 2 slave devices as shown in the following figure. The W55P241
always operates in the slave mode. The master can be a microcontroller with 4 I/O pads or a dedicated
SPI H/W. Each time the master wants to talk to one of the slaves, bit6 of command byte must be
correctly specified. Slaves are identified by the DIS pad status. The master communicates with the
slave via 4 SPI pads. In addition to bit6 of command byte, /CS must be asserted (low active) for
W55P241 to receive the command. The W55P241 CLK runs on up to 10MHz. DI (master data output,
slave data input) and DO (master data input, slave data output) exchange data between the
microcontroller and the W55P241. To wake up the microcontroller, the WAKEUP or DO pad may
connect to its one additional wakeup-enabled pad.
/CS
CLK
DI
DO
/CS
CLK
DO
DI
/CS
CLK
DI
DO
WAKEUP
Master
uC
WAKEUP
Slave 0
Slave 1
DIS
DIS
WAKEUP
0”
1”
SPI Control Interface
Figure 2 Connection of Master and Slave
5.1.2
Mode 0
Generally,
the master’s dedicated SPI H/W (hardware) may support up to 4 SPI operation modes,
which are determined by the
CLK’s idle state and phase (rising edge and falling edge). In the
W55P241, only mode 0 is supported. For both master and slave, data is transmitted on the falling edge
of CLK and data is received (sampled) on the rising edge of CLK. CLK keeps
“0” before the 1
st rising
edge and after the last falling edge.


Similar Part No. - W55P241

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55P241 NUVOTON-W55P241 Datasheet
871Kb / 32P
   4 SPI pins for communication
More results

Similar Description - W55P241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com