Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184T518A Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1184T518A
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184T518A Datasheet(HTML) 5 Page - Anachip Corp

  AP1184T518A Datasheet HTML 1Page - Anachip Corp AP1184T518A Datasheet HTML 2Page - Anachip Corp AP1184T518A Datasheet HTML 3Page - Anachip Corp AP1184T518A Datasheet HTML 4Page - Anachip Corp AP1184T518A Datasheet HTML 5Page - Anachip Corp AP1184T518A Datasheet HTML 6Page - Anachip Corp AP1184T518A Datasheet HTML 7Page - Anachip Corp AP1184T518A Datasheet HTML 8Page - Anachip Corp AP1184T518A Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
5/11
Functional Descriptions(Continued)
Vout = Vref (1+R2/R1) + Iadj * R2 where : Vref = 1.25V & Iadj=50uA Typically
AP1184-ADJ
Vin
Vctrl
Adj
Vout
Vsense
R1+
R2+
Vref
Iadj=50uA
The AP1184-ADJ keeps a constant 1.25V between
the Vsense pin and the Adj pin. By placing a
resistor R1 across these two pins and connecting
the Vsense ans Vout pin together, a constant
current flows through R1, adding to the Iadj current
and into the R2 resistor producing a voltage equal
to the (1.25/R1)*R2 + Iadj*R2. This voltage is then
added to the 1.25V to set the output voltage. This is
summarized in the above equation. Since the
minimum
load
current
requirement
of
the
AP1184-ADJ is 10mA, R1 is typically selected to be
a 121Ω resistor so that it automatically satisfies
this condition. Notice that since the Iadj is typically
in the range of 50uA it only adds a small error to the
output voltage and should be considered when very
precise output voltage setting is required.
Load Regulation
Since the AP1184 has separate pins for the output
(Vout) and the sense (Vsense), it is ideal for
providing true remote sensing of the output voltage
at the load. This means that the voltage drops due
to parasitic resistance such as PCB traces between
the regulator and the load are compensated for
using remote sensing. Figure following shows a
typical application of the AP1184-ADJ with remote
sensing.
AP1184-ADJ
Vin
Vctrl
Vin
Vctrl
Vout
Vsense
Adj
R1
R2
R
L
Stability
The AP1184-XXX requires the use of an output
capacitor as part of the frequency compensation in
order to make the regulator stable. Typical designs
for the microprocessor applications use standard
electrolytic capacitors with typical ESR in the range
of 50 to 100mΩ and an output capacitance of
100uF to 1000uF. Fortunately as the capacitance
increases, the ESR decreases resulting in a fixed
RC
time
constant. The
AP1184-XXX takes
advantage of the phenomena in making the overall
regulator loop stable. For most applications a
minimum of 100uF aluminum electrolytic capacitor
insures both stability and good transient response.


Similar Part No. - AP1184T518A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184T518L-13 DIODES-AP1184T518L-13 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
AP1184T518L-U DIODES-AP1184T518L-U Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
More results

Similar Description - AP1184T518A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com