Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGR-6300 Datasheet(PDF) 2 Page - Littelfuse

Part # PGR-6300
Description  Keypad for motor control and menu selection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGR-6300 Datasheet(HTML) 2 Page - Littelfuse

  PGR-6300 Datasheet HTML 1Page - Littelfuse PGR-6300 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.littelfuse.com/pgr-6300
23
© 2010 Littelfuse POWR-GARD® Protection Relay Catalog
POWR-GARD® Protection Relays, Monitors & Systems
AcceSSoRieS
RequiReMent
PAGe
PGC 2000 Series
Required
38
PGC Family
Required
38
PGA-0120
Optional
41
PGA-0140
Optional
41
1
2
cAtAloG/ SySteM nuMBeR
coMMunicAtionS
PGR-6300-01-00
RS-485
PGR-6300-02-00
RS-485 & DeviceNet
PGR-6300-03-00
RS-485 & Profibus®
PGR-6300-04-00
RS-485 & Ethernet
Ordering Information
Simplified Circuit Diagram
Specifications
Protective Functions
(IEEE Device Numbers)
Input Voltage
65 – 265 Vac, 25 VA; 80-275 Vdc, 25 W
Power-Up Time
800 ms at 120 Vac
Ride-Through Time
100 ms minimum
24-Vdc Source
100 mA maximum
AC Measurements
True RMS and DFT, Peak, 16 samples/cycle, and
positive and negative sequence of fundamental
Frequency
50, 60 Hz or ASD
Inputs
Phase-current, Earth-leakage current, Phase-voltage,
7 digital, tachometer, 1 analog
Output Contacts
5 contacts — See Product Manual
Approvals
CSA certified to US and Canadian standards
Communications
Allen-Bradley® DFI and Modbus® RTU (Standard);
DeviceNet™, Profibus®, Ethernet (Optional)
Conformally Coated
Standard feature
Warranty
10 years
Mounting
(Control Unit)
Surface
(Operator Interface)
Panel
Overload (49, 51)
Phase reverse (current) (46)
Overfrequency (81)
Overcurrent (50, 51)
Jam
Underfrequency (81)
Ground fault (50G/N, 51G/N)
Undercurrent (37)
Unbalance (voltage) (47)
Failure to accelerate
RTD temperature (38, 49)
Unbalance (current) (46)
Underspeed (14)
Starts per hour (66)
Phase loss (voltage) (47)
Overvoltage (59)
Differential (87)
Phase loss (current) (46)
Undervoltage (27)
Phase reverse (voltage) (47)
Power factor (55)
PHASE CT
PHASE CT
GF CT
PHASE CT
PGA-0CIM
RTD
L2
L1
M
PGA-0120
(Temperature Input Module)
(Current Input Module)
PGR-6200
(Motor Protection Relay)
PGA-0120
(Temperature
Input Module)
POWR-GARD®
POWR-GARD®
POWR-GARD®
POWR-GARD®
PHASE CT
PHASE CT
GF CT
PHASE CT
L2
PGR-6300
L1
M
PGR-6300
RTD
(Control Unit)
(Operator Interface)
POWR-GARD®
POWR-GARD®
Features & Benefits
Motor Protection – Advanced (PGR 6000 Family)
FeAtuReS
ieee #
BeneFitS
Overload
49, 51
Extends motor life and prevents insulation failures and fires
Current Unbalance/
Phase Loss/Phase Reverse
46
Prevents overheating and extends motor life
Overcurrent/Jam
50, 51
Prevents catastrophic failures and fires and extends motor life
Undercurrent
37
Detects low-level or no-load conditions
Ground Fault
50G/N, 51G/N
Prevents catastrophic failures and fires
RTD Temperature
38, 49
Optional RTD temperature protection (PGA-0120 module) for
high ambient or loss of ventilation protection
Overvoltage
59
Prevents stress to insulation
Undervoltage
27
Prevents a start attempt when it will damage the motor
Voltage Unbalance
47
Detects unhealthy supply voltage
Phase Differential
87
Provides sensitive protection for high-resistance winding faults
Dynamic Thermal Model
Provides protection through starting, running, overload, and cooling cycles
Reduced Overcurrent Mode
Minimizes Arc-Flash hazards during maintenance
Starter Control
Simplifies the installation by reducing component count
Metering
Displays the measured and calculated motor parameters
Data Logging
On-board 64-event recorder helps with system diagnosis
Communications
Remotely view measured values, event records & reset trips
Conformal Coating
Internal circuits are conformally coated to protect against corrosion and moisture
B
C
A


Similar Part No. - PGR-6300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
   GROUND-FAULT & INSULATION MONITOR
PGR-6130 LITTELFUSE-PGR-6130 Datasheet
1Mb / 1P
   Motor Protection–Electronic Overload (PGR 6000 Family)
2013 Rev: 4-A-050213
PGR-6131-120 LITTELFUSE-PGR-6131-120 Datasheet
1Mb / 1P
   Motor Protection–Electronic Overload (PGR 6000 Family)
2013 Rev: 4-A-050213
PGR-6131-24 LITTELFUSE-PGR-6131-24 Datasheet
1Mb / 1P
   Motor Protection–Electronic Overload (PGR 6000 Family)
2013 Rev: 4-A-050213
More results

Similar Description - PGR-6300

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
STMicroelectronics
STEVAL-EDUKIT01 STMICROELECTRONICS-STEVAL-EDUKIT01 Datasheet
224Kb / 3P
   Evaluation kit for education on motor control and control systems
March 2020
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
   Alternative keypad control in front bezel
GOT712-837 AXIOMTEK-GOT712-837 Datasheet
435Kb / 2P
   Alternative keypad control in front bezel
logo
List of Unclassifed Man...
BA860 ETC1-BA860 Datasheet
375Kb / 3P
   Motor speed and phase control
logo
STMicroelectronics
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
Molex Electronics Ltd.
0948301001 MOLEX11-0948301001 Datasheet
126Kb / 2P
   Metal Dome for Keypad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com