Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV1604T-12UI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49BV1604T-12UI
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1604T-12UI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49BV1604T-12UI Datasheet HTML 1Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 2Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 3Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 4Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 5Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 6Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 7Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 8Page - ATMEL Corporation AT49BV1604T-12UI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AT49BV1604(T)/1614(T)
2
contention. This device can be read or reprogrammed
using a single 2.7V power supply, making it ideally suited
for in-system programming.
The device powers on in the read mode . Comm and
sequences are used to place the device in other operation
modes such as program and erase. The device has the
capability to protect the data in any sector. Once the data
protection for a given sector is enabled, the data in that
sector cannot be changed using input levels between
ground and VCC.
The device is segmented into two memory planes. Reads
from mem ory plane B m ay be performed even while
program or erase functions are being executed in memory
plane A and vice versa. This operation allows improved
system performance by not requiring the system to wait for
a program or erase operation to complete before a read is
performed. To further increase the flexibility of the device, it
contains an Erase Suspend feature. This feature will put
the Erase on hold for any amount of time and let the user
read data from or program data to any of the remaining
sectors within the same memory plane. There is no reason
to suspend the erase operation if the data to be read is in
the other memory plane. The end of a program or an Erase
cycle is detected by the Ready/Busy pin, Data polling, or by
the toggle bit.
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
VPP
NC
A19
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
VCCQ
GND
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
CBGA Top View
RDY/BUSY
NC
A18
NC
I/O2
I/O10
I/O11
I/O3
A3
A4
A2
A1
A0
CE
OE
VSS
A7
A17
A6
A5
I/O0
I/O8
I/O9
I/O1
WE
RESET
VPP
A19
I/O5
I/O12
VCC
I/O4
A9
A8
A10
A11
I/O7
I/O14
I/O13
I/O6
A13
A12
A14
A15
A16
BYTE
I/O15
VSS
A
B
C
D
E
F
G
H
1
23456
/A-1
µBGA Top View (Ball Down)
A
B
C
D
E
F
1
234567
A13
A14
A15
A16
VCCQ
GND
A11
A10
A12
I/O14
I/O15
I/O7
A8
WE
A9
I/O5
I/O6
I/O13
VPP
RST
I/O11
I/O12
I/O4
A18
I/O2
I/O3
VCC
A19
A17
A6
I/O8
I/O9
I/O10
A7
A5
A3
CE
I/O0
I/O1
A4
A2
A1
A0
GND
OE
8
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE
RESET
VPP
NC
RDY/BUSY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
I/O15/A-1
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
AT49BV1604(T)
AT49BV1614(T)


Similar Part No. - AT49BV1604T-12UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604T-12UI ATMEL-AT49BV1604T-12UI Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1604T-12UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com