Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7659S Datasheet(PDF) 10 Page - Rohm

Part # BH7659S
Description  Input selector for high resolution displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7659S Datasheet(HTML) 10 Page - Rohm

Back Button BH7659S Datasheet HTML 5Page - Rohm BH7659S Datasheet HTML 6Page - Rohm BH7659S Datasheet HTML 7Page - Rohm BH7659S Datasheet HTML 8Page - Rohm BH7659S Datasheet HTML 9Page - Rohm BH7659S Datasheet HTML 10Page - Rohm BH7659S Datasheet HTML 11Page - Rohm BH7659S Datasheet HTML 12Page - Rohm BH7659S Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BH7659S / BH7659FS
Multimedia ICs
(8) Frequency characteristics 2 : f2
Apply to the input pin a VIN = 1.0VP-P, f = 10MHz and 250MHz sine wave input from the OSC.
f2 = GV (250MHz) – GV (10MHz) [ dB ]
(9) Interchannel relative frequency characteristics :
✁fc
✁fc = f1 (INA) – f1 (INB) [ dB ]
(10)
Interblock relative frequency characteristics :
✁fb
✁fb = f1 (RINA) – f1 (GINA), f1 (GINA) – f1 (BINA), f1 (BINA) – f1 (RINA) [ dB ]
= f1 (RINB) – f1 (GINB), f1 (GINB) – f1 (BINB), f1 (BINB) – f1 (RINB) [ dB ]
(11)
Interchannel crosstalk 1 : CTC1
Apply to the input pin a VIN = 1.0VP-P, f = 50MHz sine wave input from the OSC.
CTC1= 20log (VOUT / VIN) [ dB ]
(12)
Interchannel crosstalk 2 : CTC2
Apply to the input pin a VIN = 1.0VP-P, f = 250MHz sine wave input from the OSC.
CTC2= 20log (VOUT / VIN) [ dB ]
(13)
Interblock crosstalk 1 : CTBB1
Apply to the input pin a VIN = 1.0VP-P, f = 50MHz sine wave input from the OSC.
CTB1= 20log (VOUT / VIN) [ dB ]
(14)
Interblock crosstalk 2 : CTB2
Apply to the input pin a VIN = 1.0VP-P, f = 250MHz sine wave input from the OSC.
CTB2= 20log (VOUT / VIN) [ dB ]
(15)
On-resistance : RON
✁RON = (VOUT / VIN– 1
) × 104 [ Ω ]
(16)
Interchannel on-resistance difference :
✁RON
✁RON = RON (INA) – RON (INB)
(17)
Interchannel crosstalk : CT
Apply to the input pin a VIN = 1.0VP-P, f = 150MHz sine wave input from the OSC2.
CT = 20log (VOUT / VIN) [ dB ]
(18)
Transmission delay time : tD
Apply to the input pin the rectangular wave of P1 from the OSC2.
100ns
tD
20ns
VCC
0V
Output
Input: P1
f = 150kHz
50%
50%


Similar Part No. - BH7659S

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
   Broadband Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
817Kb / 17P
   Broadband Triple Circuits Video Signal Switchers
More results

Similar Description - BH7659S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7657F ROHM-BA7657F Datasheet
164Kb / 13P
   Input selector switch for high definition displays
BA7658AFS ROHM-BA7658AFS Datasheet
163Kb / 13P
   Input selector switch for high definition displays
logo
Sony Corporation
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Sanyo Semicon Device
VPA15 SANYO-VPA15 Datasheet
210Kb / 5P
   VIDEO PACK, VIDEO OUTPUT AMPLIFIER FOR HIGH-RESOLUTION CRT DISPLAYS
logo
Contec Co., Ltd
AD16-16EV CONTEC-AD16-16EV Datasheet
491Kb / 5P
   High-Resolution Analog Input Board for PCI
AI-1608GY-USB CONTEC-AI-1608GY-USB Datasheet
352Kb / 3P
   Terminal for USB2.0 High-Resolution Analog Input
AD16-16UEV CONTEC-AD16-16UEV Datasheet
535Kb / 5P
   High-Speed & Resolution Analog Input Board for PCI
logo
NTE Electronics
NTE2641 NTE-NTE2641 Datasheet
24Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
logo
Contec Co., Ltd
ADI16-4GY CONTEC-ADI16-4GY Datasheet
332Kb / 3P
   Isolated High-Resolution Analog Input Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com