Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJT-40W Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PJT-40W
Description  Multiple connector source options
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJT-40W Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PJT-40W Datasheet HTML 1Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 2Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 3Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 4Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 5Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 6Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 7Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 8Page - Delta Electronics, Inc. PJT-40W Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATASHEET
PJT Open Frame Power Supply
PJT-40W Series / PJT-
□□V40WBA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (April 2016, Rev. 01)
1
PJT
Highlights & Features
Universal AC input voltage
Standard industrial foot print of 2” x 3”
Low leakage current < 0.1mA
Convection cooled operating temperature range from
-10°C to +70°C
High MTBF > 700,000 hrs as per Telcordia SR-332
Multiple connector source options
Safety Standards
CB Certified for worldwide use
Model Number:
PJT-☐☐V40WBA☐
Unit Weight:
0.08 kg (0.18 lb)
Dimensions (L x W x D): 76.2 x 50.8 x 22.9 mm [2” x 3”]
General Description
The PJT open frame power supply series offers choices of 12V, 15V, 18V and 24V nominal output voltages. The single output products
are designed with small standard industrial foot prints at 2” x 3”. The highly efficient convection cooling designs enable optimum
thermal management for high power efficiency. The PJT series of products can operate from -10°C to +70°C across the entire input
voltage range of 90 to 264Vac and are certified for safety standard according to IEC/EN/UL 60950-1 and for EMI standard according to
EN 55022, Class B.
Model Information
PJT Open Frame Power Supply
Model Number
Input Voltage Range
Rated Output Voltage
Rated Output Current
PJT-12V40WBA☐
90-264Vac
12Vdc
3.33A
PJT-15V40WBA☐
15Vdc
2.67A
PJT-18V40WBA☐
18Vdc
2.22A
PJT-24V40WBA☐
24Vdc
1.66A
Model Numbering
PJ
T –
XXV
40W
B
A
Open Frame
Product Type
T – ITE Application
Series
Output Voltage
12V
15V
18V
24V
Output Power
Package Type
B – Open Frame
Family Code
A
Harness Connector
A – JST connector
B – Molex connector*
C – JWT connector*
*Options


Similar Part No. - PJT-40W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-100WBA DELTA-PJT-100WBA Datasheet
536Kb / 9P
   PJT Open Frame Power Supply
PJT-100WBB DELTA-PJT-100WBB Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
PJT-65W DELTA-PJT-65W Datasheet
495Kb / 9P
   PJT Open Frame Power Supply
PJT-XXV100WBAX DELTA-PJT-XXV100WBAX Datasheet
536Kb / 9P
   PJT Open Frame Power Supply
PJT-XXV100WBBX DELTA-PJT-XXV100WBBX Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
More results

Similar Description - PJT-40W

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX77655EVKIT MAXIM-MAX77655EVKIT Datasheet
3Mb / 22P
   Evaluation of Multiple On-Key Options
Rev 0; 8/20
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
   Zone 2 19-inch panel computers with multiple connectivity options
logo
List of Unclassifed Man...
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
MIKE-1B ETC2-MIKE-1B Datasheet
301Kb / 2P
   Flexible connector and cable options
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com