Electronic Components Datasheet Search |
|
T495B107K2R5ATE0457280 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T495B107K2R5ATE0457280 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 28 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2009_T495 • 5/3/2017 77 Tantalum Surface Mount Capacitors – Low ESR T495 Series Surge Robust MnO 2 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85°C µF KEMET/EIA (See below for part options) µA +20°C Max/5 Min % at +20°C 120 Hz Max mΩ at 20°C 100 kHz Max mA at +25°C 100 kHz mA at +85°C 100 kHz mA at +125°C 100 kHz °C Reflow Temp ≤ 260°C 6.3 100 V/7343-20 T495V107(1)006A(2)E150 6.3 8.0 150 913 822 365 125 1 6.3 150 C/6032-28 T495C157(1)006A(2)E050 9.5 8.0 50 1483 1335 593 125 1 6.3 150 C/6032-28 T495C157(M)006A(2)E200 9.5 8.0 200 742 668 297 125 1 6.3 150 U/6032-15 T495U157(1)006A(2)E200 9.5 8.0 200 671 604 268 125 1 6.3 150 V/7343-20 T495V157(1)006A(2)E040 9.5 8.0 40 1768 1591 707 125 1 6.3 150 V/7343-20 T495V157(1)006A(2)E070 9.5 8.0 70 1336 1202 534 125 1 6.3 150 V/7343-20 T495V157(1)006A(2)E150 9.5 8.0 150 913 822 365 125 1 6.3 150 D/7343-31 T495D157(1)006A(2)E050 9.5 6.0 50 1732 1559 693 125 1 6.3 150 D/7343-31 T495D157(1)006A(2)E065 9.5 6.0 65 1519 1367 608 125 1 6.3 150 D/7343-31 T495D157(1)006A(2)E080 9.5 6.0 80 1369 1232 548 125 1 6.3 150 D/7343-31 T495D157(1)006A(2)E100 9.5 6.0 100 1225 1103 490 125 1 6.3 150 D/7343-31 T495D157(1)006A(2)E125 9.5 6.0 125 1095 986 438 125 1 6.3 150 X/7343-43 T495X157(1)006A(2)E100 9.5 6.0 100 1285 1157 514 125 1 6.3 220 C/6032-28 T495C227(1)006A(2)E225 13.9 10.0 225 699 629 280 125 1 6.3 220 C/6032-28 T495C227(1)006A(2)E200 13.9 10.0 200 742 668 297 125 1 6.3 220 C/6032-28 T495C227(1)006A(2)E100 13.9 10.0 100 1049 944 420 125 1 6.3 220 D/7343-31 T495D227(1)006A(2)E045 13.9 8.0 45 1826 1643 730 125 1 6.3 220 D/7343-31 T495D227(1)006A(2)E050 13.9 8.0 50 1732 1559 693 125 1 6.3 220 D/7343-31 T495D227(1)006A(2)E100 13.9 8.0 100 1225 1103 490 125 1 6.3 220 W/7343-15 T495W227(1)006A(2)E250 13.9 8.0 250 849 764 340 125 1 6.3 220 X/7343-43 T495X227(1)006A(2)E070 13.9 8.0 70 1535 1382 614 125 1 6.3 220 X/7343-43 T495X227(1)006A(2)E080 13.9 8.0 80 1436 1292 574 125 1 6.3 220 X/7343-43 T495X227(1)006A(2)E100 13.9 8.0 100 1285 1157 514 125 1 6.3 220 V/7343-20 T495V227(1)006ATE150 13.9 8.0 150 913 822 365 125 1 6.3 330 C/6032-28 T495C337(1)006A(2)E200 20.8 18.0 200 742 668 297 125 1 6.3 330 D/7343-31 T495D337(1)006A(2)E040 20.8 8.0 40 1936 1742 774 125 1 6.3 330 D/7343-31 T495D337(1)006A(2)E045 20.8 8.0 45 1826 1643 730 125 1 6.3 330 D/7343-31 T495D337(1)006A(2)E050 20.8 8.0 50 1732 1559 693 125 1 6.3 330 D/7343-31 T495D337(1)006A(2)E070 20.8 8.0 70 1464 1318 586 125 1 6.3 330 D/7343-31 T495D337(1)006A(2)E100 20.8 8.0 100 1225 1103 490 125 1 6.3 330 V/7343-20 T495V337(1)006A(2)E150 20.8 8.0 150 913 822 365 125 1 6.3 330 X/7343-43 T495X337(1)006A(2)E045 20.8 8.0 45 1915 1724 766 125 1 6.3 330 X/7343-43 T495X337(1)006A(2)E050 20.8 8.0 50 1817 1635 727 125 1 6.3 330 X/7343-43 T495X337(1)006A(2)E065 20.8 8.0 65 1593 1434 637 125 1 6.3 330 X/7343-43 T495X337(1)006A(2)E080 20.8 8.0 80 1436 1292 574 125 1 6.3 330 X/7343-43 T495X337(1)006A(2)E100 20.8 8.0 100 1285 1157 514 125 1 6.3 330 E/7360-38 T495E337(1)006A(2)E060 20.8 8.0 60 1826 1643 730 125 1 6.3 330 E/7360-38 T495E337(1)006A(2)E100 20.8 8.0 100 1414 1273 566 125 1 6.3 470 D/7343-31 T495D477(1)006A(2)E045 29.6 12.0 45 1826 1643 730 125 1 6.3 470 D/7343-31 T495D477(1)006A(2)E100 29.6 12.0 100 1225 1103 490 125 1 6.3 470 D/7343-31 T495D477(1)006A(2)E125 29.6 12.0 125 1095 986 438 125 1 6.3 470 D/7343-31 T495D477(1)006A(2)E150 29.6 12.0 150 1000 900 400 125 1 6.3 470 V/7343-20 T495V477(1)006A(2)E150 29.6 15.0 150 913 822 365 125 1 6.3 470 X/7343-43 T495X477(1)006A(2)E030 29.6 10.0 30 2345 2111 938 125 1 6.3 470 X/7343-43 T495X477(1)006A(2)E045 29.6 10.0 45 1915 1724 766 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T495B107K2R5ATE0457280 |
|
Similar Description - T495B107K2R5ATE0457280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |