Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-12V150W1BX Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PMC-12V150W1BX
Description  PMC Panel Mount Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-12V150W1BX Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PMC-12V150W1BX Datasheet HTML 1Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 2Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 3Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 4Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 5Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 6Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 7Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 8Page - Delta Electronics, Inc. PMC-12V150W1BX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
12V 150W 1 Phase / PMC-12V150W1BX
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (March 2013, Rev. 00)
3
Environment
Surrounding Air Temperature
Operating
-10°C to +70°C
Storage
-25°C to +85°C
Power De-rating
> 50°C de-rate power by 2.5% / °C
Operating Humidity
< 95% RH
Operating Altitude
3,000 Meters
Shock Test (Non-Operating)
IEC60068-2-27, 30G (300m/S²) for a duration of 18ms
1 times per direction, 6 times in total
Vibration (Non-Operating)
IEC60068-2-6, 10Hz to 500Hz @ 30m/S² (3G peak);
60 min per axis for all X, Y, Z direction
Pollution Degree
2
Protections
Overvoltage
16V +10%/-5%, SELV output, Hicc-up Mode,
Non-Latching (Auto recovery).
Overload / Overcurrent
> 115% of rated load current, Hicc-up Mode,
Non-Latching (Auto recovery).
Over Temperature
< 75°C Ambient Temp@ 100% load,
Non-Latching (Auto-recovery).
Short Circuit
Hicc-up Mode, Non-Latching
(Auto-recovery when the fault is removed).
Protection Against Shock
Class I with PE* connection
*PE: Primary Earth
Reliability Data
MTBF
> 700,000 hrs, as per per Telcordia SR-332
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)


Similar Part No. - PMC-12V150W1BX

ManufacturerPart #DatasheetDescription
logo
Powerbox
PMC-12V150W1BJ POWERBOX-PMC-12V150W1BJ Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
More results

Similar Description - PMC-12V150W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com