Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF-5V320WCXX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PMF-5V320WCXX
Description  PMF Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMF-5V320WCXX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PMF-5V320WCXX Datasheet HTML 5Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 6Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 7Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 8Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 9Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 10Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 11Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 12Page - Delta Electronics, Inc. PMF-5V320WCXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TECHNICAL DATASHEET
PMF Panel Mount Power Supply
5V 275W 1 Phase / PMF-5V320WC
□□
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (May 2017, Rev. 01)
11
Functional Manual
Remote ON/OFF Function
You can remotely control the power supply unit
to turn ON/OFF by using an external DC source.
Follow the DC power source voltage and current
limiting defined in the table below.
Built-in Resistor Ri (ohm)
Voltage Between RC+ and RC- (V)
Input Current (mA)
Output ON
Output OFF
820
5-12.5
0-0.5
20 Max
Notes
1.
Remote ON/OFF circuits are isolated from input, output and PE.
2.
Please check if the polarity of the wire connector is the same as the external DC source. If not, the power would not turn on and
the internal components may be damaged.
3.
You do not need an external resistance RO for current limit while the output voltage of external DC source is within the range of
5-12.5V. If the output voltage exceeds 12.5V, please use the following equation for the value of current limit resistance RO.
����������������=������������������������−(3.5+0.006����������������)
0.006


Similar Part No. - PMF-5V320WCXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
   Built-in Active PFC and fan speed control
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
More results

Similar Description - PMF-5V320WCXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com