Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF-24V240WCXX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMF-24V240WCXX
Description  Built-in Active PFC and fan speed control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMF-24V240WCXX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMF-24V240WCXX Datasheet HTML 1Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 2Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 3Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 4Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 5Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 6Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 7Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 8Page - Delta Electronics, Inc. PMF-24V240WCXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TECHNICAL DATASHEET
PMF Panel Mount Power
24V 240W 1
/ PMF-24V240WC
□□
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (April 2017, Rev. 01)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
< 3.60A @ 115Vac, < 1.80A @ 230Vac
Efficiency at 100% Load
87.0% typ. @ 230Vac
Max Inrush Current (Cold Start)
< 35A @ 115Vac, < 60A @ 230Vac
Power Factor at 100% Load
> 0.99 typ. @ 115Vac, > 0.95 typ. @ 230Vac
Leakage Current
< 0.6mA @ 240Vac
Output Ratings / Characteristics*
Nominal Output Voltage
24Vdc
Factory Set Point Tolerance
24Vdc ± 1% (initial set point tolerance from factory)
Output Voltage Adjustment Range
21.6-26.4Vdc
Output Current
10.0A (240W max.)
Output Power
240W
Line Regulation
± 0.5% typ. (@ 115Vac & 230Vac)
Load Regulation
± 0.5% typ. (@ 115Vac & 230Vac)
PARD** (20MHz)
< 150mVpp @ 25°C
< 300mVpp @ -10°C
Rise Time
50ms typ. @ 115Vac & 230Vac (100% load)
Start-up Time
1200ms typ. @ 115Vac & 230Vac (100% load)
Hold-up Time
20ms typ. @ 115Vac & 230Vac (100% load)
Dynamic Response
(Overshoot & Undershoot O/P Voltage)
± 5% (2.4V pk-pk) @ 115Vac & 230Vac (0-100% load)
Start-up with Capacitive Loads
8,000µF Max
Remote ON/OFF Function (Option)
CN102
Output ON: 5-12.5V
Output OFF: 0-0.5V
(For more information, please refer to the details in the
Functional Manual section on Page 10)
*For power de-rating from 50°C to 70°C, see power de-rating on page 3.
**PARD is measured with an AC coupling mode, 5cm wires, and in parallel with 0.1µF ceramic capacitor & 47µF electrolytic capacitor
.


Similar Part No. - PMF-24V240WCXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
More results

Similar Description - PMF-24V240WCXX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
   built in active PFC
RACG150 RECOM-RACG150 Datasheet
451Kb / 4P
   Built-in Active PFC
logo
Delta Electronics, Inc.
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
   Built-in active PFC and up to 90% efficiency
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
Bel Fuse Inc.
LDC240 BEL-LDC240 Datasheet
608Kb / 5P
   Active PFC
LDC480 BEL-LDC480 Datasheet
598Kb / 4P
   Active PFC
logo
Littelfuse
T4400 LITTELFUSE-T4400 Datasheet
486Kb / 4P
   Built-in frequency control
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com