Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184S7LA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1184S7LA
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184S7LA Datasheet(HTML) 3 Page - Anachip Corp

  AP1184S7LA Datasheet HTML 1Page - Anachip Corp AP1184S7LA Datasheet HTML 2Page - Anachip Corp AP1184S7LA Datasheet HTML 3Page - Anachip Corp AP1184S7LA Datasheet HTML 4Page - Anachip Corp AP1184S7LA Datasheet HTML 5Page - Anachip Corp AP1184S7LA Datasheet HTML 6Page - Anachip Corp AP1184S7LA Datasheet HTML 7Page - Anachip Corp AP1184S7LA Datasheet HTML 8Page - Anachip Corp AP1184S7LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
3/11
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
16
V
Vctrl
Control Input voltage
18
V
PD
Power dissipation
Internally limited
TST
Storage temperature Range
-65 to +150
oC
TOP
Operation Junction Temperature Range
0 to +150
oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150
oC. Typical value refer to Tj=25oC.
Vout=Vsense.
Sym.
Parameter
Test Condition
Min. Typ. Max. Unit
VREF Reference Voltage
AP1184-Adj
Io=10mA, Tj=25
oC, (Vin-Vout)=0.7V,
Vctrl=VIN+1V
1.225 1.250 1.275
V
Line Regulation
AP1184-XXX
IO=10mA, VOUT+0.7V<VIN<12V, TJ =25
oC
Vctrl=VIN+1V
0.2
%
AP1184-1.5
IOUT = 10mA, TJ = 25
oC, 2.2V≦V
IN≦12V
Vctrl=VIN+1V
1.470 1.500 1.530
V
AP1184-1.8
IOUT = 10mA, TJ = 25
oC, 2.5V≦V
IN≦12V
Vctrl=VIN+1V
1.764 1.800 1.836
V
AP1184-2.5
IOUT = 10mA, TJ = 25
oC, 3.2V≦V
IN≦12V
Vctrl=VIN+1V
2.450 2.500 2.550
V
AP1184-3.3
IOUT = 10mA, TJ = 25
oC, 4.0V≦V
IN≦12V
Vctrl=VIN+1V
3.235 3.300 3.365
V
Vout Output Voltage
AP1184-5.0
IOUT = 10mA, TJ = 25
oC, 5.7V≦V
IN≦12V
Vctrl=VIN+1V
4.900 5.000 5.100
V
AP1184-Adj
0mA<Io<4A, TJ =25
oC
(VIN- VOUT)=2V ,Vctrl =VIN + 1V
1
%
AP1184-1.5
VIN=3V, 0mA<Io<4A, TJ =25
oC
Vctrl=4V
12
15
mV
AP1184-1.8
VIN=3.3V, 0mA<Io<4A, TJ =25
oC
Vctrl=4.3V
15
18
mV
AP1184-2.5
VIN=4V, 0mA<Io<4A, TJ =25
oC
Vctrl=5V
20
25
mV
AP1184-3.3
VIN = 5V, 0mA<Io<4A, TJ=25
oC
Vctrl=6V
26
33
mV
Load
Regulation
AP1184-5.0
VIN = 8V, 0mA<Io<4A, TJ=25
oC
Vctrl=9V
40
50
mV
Dropout Voltage
(Vctrl –Vout)
Vadj=0V for all conditions below.
Vin=2.05V, Io=1.5A
Vin=2.05V, Io=3A
Vin=2.05V, Io=4A
1.10
1.15
1.18
1.25
V
Dropout Voltage
(Vin -Vout)
Vadj=0V for all conditions below.
Vctrl =2.75V, Io=1.5A
Vctrl =2.75V, Io=3A
Vctrl =2.75V, Io=4A
0.26
0.50
0.70
0.38
0.60
0.85
V
Current Limit
Vctrl =2.75V, Vin=2.05V,∆Vo=100mV, Vadj=0V
4.2
A
Minimum Load
Current
Vctrl =5V, Vin=3.3V, Vadj=0V
5
10
mA


Similar Part No. - AP1184S7LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184S DIODES-AP1184S Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184S-15L-13 DIODES-AP1184S-15L-13 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184S-15L-U DIODES-AP1184S-15L-U Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184S-18L-13 DIODES-AP1184S-18L-13 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184S-18L-U DIODES-AP1184S-18L-U Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
More results

Similar Description - AP1184S7LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com