Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T502D685K035AG6110 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T502D685K035AG6110
Description  Tantalum Surface Mount Capacitors ??High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T502D685K035AG6110 Datasheet(HTML) 1 Page - Kemet Corporation

  T502D685K035AG6110 Datasheet HTML 1Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 2Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 3Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 4Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 5Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 6Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 7Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 8Page - Kemet Corporation T502D685K035AG6110 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2075_T502 • 10/21/2016
1
One world. One KEMET
Benefits
• F-Tech and 100% SBDS (KEMET's patented Simulated
Breakdown Voltage Screening)
• 3 Sigma Screening for iL, DF and ESR
• Qualifiedat1,000hoursoflifetestat230°Cat0.33Vr
• Voltagederatingof67%at230°C
• Unique high temperature material set
• Meets or exceeds EIA standard 535BAAC
• Standard gold-plated terminations
• RoHS compliant
• Operatingtemperaturerangeof−55ºCto+230ºC
• Voltage derating applies
• Taped and reeled per EIA 481
• Meets MSL 1 requirements for Pb-free assembly according
to JEDEC J–STD–020
• Packaged in moisture barrier bags with desiccant and a
humidity indicator card
• Surge current options available
Overview
The KEMET T502 Series is a high temperature product
that offers optimum performance characteristics in
applicationswithoperatingtemperaturesupto230°C.
Thisseriesisclassifiedasmoisturesensitivitylevel(MSL)
1underJSTD020:unlimitedfloorlifetimeat≤30°C/85%
RH.
Due to the potential use of high melting point solders, KEMET
has taken the initiative to package this series in moisture
barrier bags with desiccant and a humidity indicator card.
Tantalum Surface Mount Capacitors – High Temperature
T502 Series MnO
2 230°C
Applications
Typicalapplicationsincludedecouplingandfilteringforveryhightemperatureenvironmentssuchasmeasurement-while-
drilling (MWD) in down-hole applications.
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET’sK-SIMsoftware.KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T502D685K035AG6110

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685K035AG6110 KEMET-T502D685K035AG6110 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??High Temperature
More results

Similar Description - T502D685K035AG6110

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??High Temperature
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com