Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24400P Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24400P
Description  Programmable NiCd/NiMH Fast-Charge Management Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24400P Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24400P Datasheet HTML 6Page - Texas Instruments BQ24400P Datasheet HTML 7Page - Texas Instruments BQ24400P Datasheet HTML 8Page - Texas Instruments BQ24400P Datasheet HTML 9Page - Texas Instruments BQ24400P Datasheet HTML 10Page - Texas Instruments BQ24400P Datasheet HTML 11Page - Texas Instruments BQ24400P Datasheet HTML 12Page - Texas Instruments BQ24400P Datasheet HTML 13Page - Texas Instruments BQ24400P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin, ex-
cluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
-20
+70
°C
TSTG
Storage temperature
-40
+125
°C
TSOLDER
Soldering temperature
-
+260
°C
10s max.
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to
conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Thresholds (TA =TOPR;VCC =5V ±20% unless otherwise specified)
Symbol
Parameter
Rating
Tolerance
Unit
Notes
VTCO
Temperature cutoff
0.225 * VCC
±5%
V
Voltage at pin TS
VHTF
High-temperature fault
0.25 * VCC
±5%
V
Voltage at pin TS
VLTF
Low-temperature fault
0.5 * VCC
±5%
V
Voltage at pin TS
VMCV
Maximum cell voltage
2.00
±2.5%
V
VBAT >VMCV inhibits
fast charge
VLBAT
Minimum cell voltage
950
±5%
mV
Voltage at pin BAT
PVD
BAT input change for PVD detection
3.8
±20%
mV
VSNSHI
High threshold at SNS, resulting in
MOD-low
50
±10
mV
Voltage at pin SNS
VSNSLO
Low threshold at SNS, resulting in
MOD-high
-50
±10
mV
Voltage at pin SNS
VSLP
Sleep-mode input threshold
VCC -1
±0.5
V
Applied to pin BAT
VRCH
Recharge threshold
VMCV - 0.1
±0.02
V
At pin BAT
bq24400


Similar Part No. - BQ24400P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400PW TI1-BQ24400PW Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400PWR TI1-BQ24400PWR Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400PWRG4 TI1-BQ24400PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
More results

Similar Description - BQ24400P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com