Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR9080ARFV-W Datasheet(PDF) 7 Page - Rohm

Part # BR9080ARFV-W
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9080ARFV-W Datasheet(HTML) 7 Page - Rohm

Back Button BR9080ARFV-W Datasheet HTML 3Page - Rohm BR9080ARFV-W Datasheet HTML 4Page - Rohm BR9080ARFV-W Datasheet HTML 5Page - Rohm BR9080ARFV-W Datasheet HTML 6Page - Rohm BR9080ARFV-W Datasheet HTML 7Page - Rohm BR9080ARFV-W Datasheet HTML 8Page - Rohm BR9080ARFV-W Datasheet HTML 9Page - Rohm BR9080ARFV-W Datasheet HTML 10Page - Rohm BR9080ARFV-W Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
Memory ICs
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
7/12
(3) Read cycle
BR9080AF-W / ARFV-W / ARFVM-W
High or LOW
Fig.4 BR9080AF-W / ARFV-W / ARFVM-W
1
4
816
32
48
1
HIGH-Z
H
SK
CS
DI
DO
R / B
WC
L
H
L
H
L
H
01
1
00
0
A0
A1
A7
A8
D0
Read Data (n)
Read Data (n+1)
D15
D15
D0
HIGH-Z
STANDBY
tCS
tOH
BR9016 AF-W / ARFV-W / ARFVM-W
High or LOW
Fig.5 BR9016AF-W / ARFV-W / ARFVM-W
1
4
816
32
48
1
HIGH-Z
H
SK
CS
DI
DO
R / B
WC
L
H
L
H
L
H
01
1
00
A1
A2
A0
A8
A9
D0
Read Data (n)
Read Data (n+1)
D15
D15
D0
HIGH-Z
STANDBY
tCS
tOH
1) After the fall of the 16th clock pulse, 16-bit data is output from the DO pin in synchronization with the falling edge of the
SK signal.
(DO output changes at a time lag of tPD0, tPD1 because of internal circuit delay following the falling edge of the SK signal.
During the tPD0 and tPD1 timing, the tPD time should be assured before data is read, to avoid the previous data being lost.
See the synchronized data input / output timing chart in Fig.2.)
2) The data stored in the next address is clocked out of the device on the falling edge of 32nd clock. The data stored in
the upper address every 16 clocks is output sequentially by the continual SK input. Also the read operation is reset by
CS High.


Similar Part No. - BR9080ARFV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080F ROHM-BR9080F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080RFV ROHM-BR9080RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9080ARFV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com