Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T528W337M006APE0097280 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T528W337M006APE0097280
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528W337M006APE0097280 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T528W337M006APE0097280 Datasheet HTML 2Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 3Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 4Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 5Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 6Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 7Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 8Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 9Page - Kemet Corporation T528W337M006APE0097280 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 5/8/2017
66
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Derating Guidelines
Voltage Rating
Maximum
Recommended
Steady State
Voltage
Maximum
Recommended
Transient Voltage
(1 ms – 1 µs)
−55°Cto105°C
2V≤V
R≤6.3V
90%ofV
R
V
R
V
R = Rated Voltage
Ripple Current/Ripple Voltage
PermissibleACripplevoltageandcurrentarerelatedto
equivalentseriesresistance(ESR)andthepowerdissipation
capabilitiesofthedevice.PermissibleACripplevoltage
whichmaybeappliedislimitedbytwocriteria:
1.ThepositivepeakACvoltageplustheDCbiasvoltage,
ifany,mustnotexceedtheDCvoltageratingofthe
capacitor.
2.ThenegativepeakACvoltageincombinationwith
biasvoltage,ifany,mustnotexceedtheallowablelimits
specifiedforreversevoltage.SeetheReverseVoltage
sectionforallowablelimits.
Themaximumpowerdissipationbycasesizecanbe
determinedusingthetableatright.Themaximumpower
dissipationratingstatedinthetablemustbereducedwith
increasingenvironmentaloperatingtemperatures.Referto
thetablebelowfortemperaturecompensationrequirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤45°C
45°C<T≤85°C
85°C<T≤125°C
1.00
0.70
0.25
T= Environmental Temperature
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts at 45°C
with +30°C Rise
B
3528-20
127
W
7343-15
325
Z
7343-17
325
UsingthePmaxofthedevice,themaximumallowablerms
ripplecurrentorvoltagemaybedetermined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
Maximum Transient Voltage
Recommended Application Voltage
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
−55
25
85
105
Temperature (°C)


Similar Part No. - T528W337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528W337M2R5ATE009 KEMET-T528W337M2R5ATE009 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.5mm
More results

Similar Description - T528W337M006APE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com