Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS-1432 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # CPS-1432
Description  14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CPS-1432 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button CPS-1432 Datasheet HTML 3Page - Integrated Device Technology CPS-1432 Datasheet HTML 4Page - Integrated Device Technology CPS-1432 Datasheet HTML 5Page - Integrated Device Technology CPS-1432 Datasheet HTML 6Page - Integrated Device Technology CPS-1432 Datasheet HTML 7Page - Integrated Device Technology CPS-1432 Datasheet HTML 8Page - Integrated Device Technology CPS-1432 Datasheet HTML 9Page - Integrated Device Technology CPS-1432 Datasheet HTML 10Page - Integrated Device Technology CPS-1432 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7
©2017 Integrated Device Technology, Inc.
June 26, 2017
CPS-1432 Datasheet
Specification Compliancy
• RapidIO Specification (Rev. 2.1), Part 1: Input/Output Logical Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 2: Message Passing Logical Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 3: Common Transport Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 6: LP-Serial Physical Layer Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 7: System and Device Interoperability Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 8: Error Management Extensions Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 9: Flow Control Logic Layer Extensions Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Part 11: Multicast Extensions Specification, 08/2009, RTA
• RapidIO Specification (Rev. 2.1), Annex I: Software/System Bring Up Specification, 08/2009, RTA
• IEEE Std 1149.1-2001 IEEE Standard Test Access Port and Boundary-Scan Architecture
• IEEE Std 1149.6-2003 IEEE Standard for Boundary-Scan Testing of Advanced Digital Networks
• The I2C-BUS Specification (v 2.1), January 2000, Philips
3.
Functional Overview
The CPS-1432 is optimized for line card and backplane switching. Its primary function is to switch data plane and control plane data packets using
S-RIO between a set of devices that reside on the same line card. In addition, it can bridge communications between multiple on-board (or local)
devices and a set of external line cards by providing long run RapidIO backplane interconnects. In this manner, for example, the device can serve
as a switch between a set of RF cards and a set of RapidIO based DSPs in a wireless basestation.
The CPS-1432 supports packet switching from its 14 RapidIO ports. Packets can be unicast, multicast, or broadcast. The encoded data rate for
each of the lanes are configurable to either 1.25, 2.5, 3.125, 5, or 6.25 Gbaud. The device supports lane groupings such that 1x, 2x, and 4x
operation is provided, as defined in the RapidIO Specification (Rev. 2.1).
The CPS-1432 supports the reception of S-RIO maintenance packets (type 8) which are directed to it (that is, a hop count of 0). The device can
properly process and forward received maintenance packets with a hop count > 0 as defined in the RapidIO Specification (Rev. 2.1). With the
exception of maintenance packets, received packets are transmitted unmodified.
The CPS-1432 supports four priority levels plus Critical Request Flow (CRF), as defined in the RapidIO Specification (Rev. 2.1), Part 6. It is
programmable by all of the following: S-RIO ports, I2C, and JTAG Interface.
From a switching perspective the CPS-1432 functions statically. As such, all input to output port mappings are configurable through registers.
Unless register configurations are changed, the input to output mappings remains static regardless of the received data. The switching
functionality does not dynamically “learn” which destIDs are tied to a port endpoint by examining S-RIO header fields and dynamically updating
internal routing tables.
The CPS-1432 supports “Store and Forward” or “Cut-Through” packet forwarding (for more information, see the “Switch Fabric” chapter in the
CPS-1432 User Manual).


Similar Part No. - CPS-1432

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
107Kb / 1P
   IDT Serial RapidIO Switch Feature ComparisonChart
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
More results

Similar Description - CPS-1432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
   14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
CPS-1848 IDT-CPS-1848_17 Datasheet
1Mb / 86P
   18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
   16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
logo
AVAGO TECHNOLOGIES LIMI...
PEX8632 AVAGO-PEX8632 Datasheet
227Kb / 4P
   PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
PLX Technology
PEX8632 PLX-PEX8632 Datasheet
203Kb / 4P
   PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
Renesas Technology Corp
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com