Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1439 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1439
Description  Integrated Circuit Dual Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1439 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1439 Datasheet HTML 1Page - NTE Electronics NTE1439 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 12V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Residual Noise
vO
vi = 100mV, VC = 1V, f = 1kHz, B = 20kHz
100
µV
Noise
vN
vi = 0V, VC = 3.5V, B = 20kHz
150
µV
Crosstalk
CT
vi = 500mV, VC = 5V, f = 1kHz
60
dB
Output DC Voltage
VO
VC = 5V
5.7
8.2
V
Output Voltage Fluctuation
∆VO
VC = 5V to 0V
–0.65
+0.65
V
Control Input Current
–Icont
Rcont = 0 Ω
0.15
0.33
mA
Rcont = 20kΩ
0.15
0.33
mA
Supply Current
ICC
VC = 5V
22
mA
Distortion Factor
THD
vi = 100mV, VC = 5V, f = 1kHz
0.5
%
D6 Breakdown
V(BR)D
I6, I13 = 10µA
6
V
Note 2. The same measurement should be applied for Ch2.
Ch 1 VCC
Pin Connection Diagram
Ch 2 VCC
Ch 1 Input
GND
Ch 2 Output
Ch 2 Equalize
Ch 1 Control
1
2
3
4
Ch 1 Equalize
Ch 1 Output
5
6
Ch 2 Control
7
N.C.
14
13
12
11
N.C.
N.C.
10
9
8
Ch 2 Input
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Similar Part No. - NTE1439

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1433 NTE-NTE1433 Datasheet
18Kb / 2P
   Integrated Circuit Audio Preamp
NTE1434 NTE-NTE1434 Datasheet
18Kb / 2P
   Integrated Circuit Voltage Comparator
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1437 NTE-NTE1437 Datasheet
74Kb / 3P
   Integrated Circuit VIR Signal Processor
More results

Similar Description - NTE1439

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1792 NTE-NTE1792 Datasheet
21Kb / 2P
   Integrated Circuit Dual Attenuator
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
   Dual Integrated Circuit
logo
NTE Electronics
NTE829 NTE-NTE829 Datasheet
23Kb / 2P
   Integrated Circuit Electronics Attenuator, 90dB @ 1kHz
NTE1718 NTE-NTE1718 Datasheet
19Kb / 2P
   Integrated Circuit Dual Comparator
NTE978 NTE-NTE978 Datasheet
28Kb / 3P
   Integrated Circuit Dual Timer
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
   Integrated Circuit Dual Preamp
logo
NEC
UPC1406HA NEC-UPC1406HA Datasheet
341Kb / 7P
   DUAL ATTENUATOR(BIPOLAR ANALOG INTERGRATED CIRCUIT
logo
NTE Electronics
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com