Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM9132 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM9132
Description  3-Channel, Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9132 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM9132 Datasheet HTML 1Page - SG Micro Corp SGM9132 Datasheet HTML 2Page - SG Micro Corp SGM9132 Datasheet HTML 3Page - SG Micro Corp SGM9132 Datasheet HTML 4Page - SG Micro Corp SGM9132 Datasheet HTML 5Page - SG Micro Corp SGM9132 Datasheet HTML 6Page - SG Micro Corp SGM9132 Datasheet HTML 7Page - SG Micro Corp SGM9132 Datasheet HTML 8Page - SG Micro Corp SGM9132 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3-Channel, Video Filter
SGM9132
Driver for HD (1080p)
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
MARKING
INFORMATION
PACKAGE
OPTION
SGM9132YPS8G/TR
SOIC-8 (Exposed Pad)
-40
℃ to +85℃
SGM9132YPS8
Tape and Reel, 2500
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, GND to VCC.................................................. 6V
Input Voltage......................................GND - 0.3V to VCC + 0.3V
Storage Temperature Range ............................ -65
℃ to +150℃
Junction Temperature .....................................................150
Operating Temperature Range ........................... -40
℃ to +85℃
Lead Temperature (Soldering 10s) ...................................260
ESD Susceptibility
HBM................................................................................. 8000V
MM..................................................................................... 400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM9132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9131YS8G/TR SGMICRO-SGM9131YS8G/TR Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9133YTS14G/TR SGMICRO-SGM9133YTS14G/TR Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results

Similar Description - SGM9132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
SG Micro Corp
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9146 SGMICRO-SGM9146 Datasheet
357Kb / 13P
   4-Channel, Video Filter Driver
SGM9136 SGMICRO-SGM9136 Datasheet
356Kb / 13P
   4-Channel, Video Filter Driver
SGM9150 SGMICRO-SGM9150 Datasheet
350Kb / 12P
   4-Channel, Video Filter Driver
SGM9154 SGMICRO-SGM9154 Datasheet
503Kb / 14P
   Single Channel, Video Filter Driver
logo
3PEAK INC.
TPF143 3PEAK-TPF143 Datasheet
356Kb / 10P
   Low Power, 3-channel High-Definition Video Filter Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com