Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H60600-3 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # H60600-3
Description  600V Class H Fuse Blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

H60600-3 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  H60600-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. H60600-3 Datasheet HTML 2Page - Cooper Bussmann, Inc. H60600-3 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.15
0.75
0.31
0.5
2.0
0.75"
C'BORE
0.34
DIAMETER
3.0
3.0
3.31
9.63
11.0"
0.34
DIAMETER
0.75" DIA.
C'BORE
0.67" Deep
14.00"
2.5"
4.987"
1.00"
2.13"
15.26"
8.00"
9.25"
0.75" DIA.
C'BORE
0.67" Deep
0.34
DIAMETER
11.63"
7.00"
12.00"
2.5"
4.02"
1.00"
1.19"
600V, 101 to 200A
6.5"
8.0"
0.75" DIA.
C'BORE
0.50" Deep
0.34
DIAMETER
9.0"
5.5"
9.58"
3.0"
2.04"
3.15"
0.75"
600V, 201 to 400A
600V, 401 to 600A
FIGURE 10.
FIGURE 12.
FIGURE 14.
FIGURE 11.
FIGURE 13.
FIGURE 15.
0709
BU-SB08289
Page 3 of 3
Data Sheet 1113
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to
change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical infor-
mation contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
1.0
0.56
0.63
1.75
0.75"
C'BORE
0.34
DIAMETER
3.0
4.5
12.0
4.02
3.0
1.0
0.56 1.125
1.75
0.75"
C'BORE
0.34
DIAMETER
4.0
5.5
14.0
4.987
3.0


Similar Part No. - H60600-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60600-3 COOPER-H60600-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H60600-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com