Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495A107K020AHE0457280 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T495A107K020AHE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495A107K020AHE0457280 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T495A107K020AHE0457280 Datasheet HTML 4Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 5Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 6Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 7Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 8Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 9Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 10Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 11Page - Kemet Corporation T495A107K020AHE0457280 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017
88
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85°C
µF
KEMET/EIA
(See below for
part options)
µA +20°C
Max/5 Min
% at +20°C
120 Hz Max
mΩ at 20°C
100 kHz
Max
mA at +25°C
100 kHz
mA at
+85°C 100
kHz
mA at
+125°C 100
kHz
°C
Reflow
Temp
≤ 260°C
6.3
470
X/7343-43
T495X477(1)006A(2)E050
29.6
10.0
50
1817
1635
727
125
1
6.3
470
X/7343-43
T495X477(1)006A(2)E060
29.6
10.0
60
1658
1492
663
125
1
6.3
470
X/7343-43
T495X477(1)006A(2)E065
29.6
10.0
65
1593
1434
637
125
1
6.3
470
X/7343-43
T495X477(1)006A(2)E100
29.6
10.0
100
1285
1157
514
125
1
6.3
470
X/7343-43
T495X477(1)006A(2)E125
29.6
10.0
125
1149
1034
460
125
1
6.3
470
E/7360-38
T495E477(1)006A(2)E040
29.6
12.0
40
2236
2012
894
125
1
6.3
470
E/7360-38
T495E477(1)006A(2)E055
29.6
10.0
55
1907
1716
763
125
1
6.3
470
E/7360-38
T495E477(1)006A(2)E100
29.6
10.0
100
1414
1273
566
125
1
6.3
680
X/7343-43
T495X687(1)006A(2)E100
42.8
12.0
100
1285
1157
514
125
1
6.3
680
X/7343-43
T495X687(1)006A(2)E060
42.8
12.0
60
1658
1492
663
125
1
6.3
680
X/7343-43
T495X687(1)006A(2)E045
42.8
12.0
45
1915
1724
766
125
1
6.3
1000
X/7343-43
T495X108(1)006A(2)E100
63.0
20.0
100
1285
1157
514
125
1
6.3
1000
E/7360-38
T495E108(1)006A(2)E050
63.0
15.0
50
2000
1800
800
125
1
6.3
1000
E/7360-38
T495E108(1)006A(2)E040
63.0
15.0
40
2236
2012
894
125
1
10
2.2
A/3216-18
T495A225(1)010A(2)E1K8
0.5
6.0
1800
204
184
82
125
1
10
2.2
A/3216-18
T495A225(1)010A(2)E7K0
0.5
6.0
7000
104
94
42
125
1
10
3.3
A/3216-18
T495A335(1)010A(2)E2K0
0.5
6.0
2000
194
175
78
125
1
10
4.7
A/3216-18
T495A475(1)010A(2)E1K2
0.5
6.0
1200
250
225
100
125
1
10
4.7
A/3216-18
T495A475(1)010A(2)E1K3
0.5
6.0
1300
240
216
96
125
1
10
4.7
A/3216-18
T495A475(1)010A(2)E1K4
0.5
6.0
1400
231
208
92
125
1
10
4.7
A/3216-18
T495A475(1)010A(2)E1K8
0.5
6.0
1800
204
184
82
125
1
10
4.7
A/3216-18
T495A475(1)010A(2)E2K0
0.5
6.0
2000
194
175
78
125
1
10
4.7
B/3528-21
T495B475(1)010A(2)E1K3
0.5
15.0
1300
256
230
102
125
1
10
4.7
B/3528-21
T495B475(1)010A(2)E1K5
0.5
6.0
1500
238
214
95
125
1
10
6.8
A/3216-18
T495A685(1)010A(2)E1K8
0.7
6.0
1800
204
184
82
125
1
10
6.8
B/3528-21
T495B685(1)010A(2)E900
0.7
6.0
900
307
276
123
125
1
10
6.8
B/3528-21
T495B685(1)010A(2)E1K1
0.7
6.0
1100
278
250
111
125
1
10
6.8
B/3528-21
T495B685(1)010A(2)E1K2
0.7
6.0
1200
266
239
106
125
1
10
10
A/3216-18
T495A106(1)010A(2)E1K8
1.0
6.0
1800
204
184
82
125
1
10
10
A/3216-18
T495A106(1)010A(2)E2K0
1.0
6.0
2000
194
175
78
125
1
10
10
A/3216-18
T495A106(1)010A(2)E2K5
1.0
6.0
2500
173
156
69
125
1
10
10
A/3216-18
T495A106(1)010A(2)E3K8
1.0
6.0
3800
140
126
56
125
1
10
10
B/3528-21
T495B106(1)010A(2)E600
1.0
6.0
600
376
338
150
125
1
10
10
B/3528-21
T495B106(1)010A(2)E750
1.0
6.0
750
337
303
135
125
1
10
10
B/3528-21
T495B106(1)010A(2)E1K2
1.0
6.0
1200
266
239
106
125
1
10
10
B/3528-21
T495B106(1)010A(2)E3K0
1.0
6.0
3000
168
151
67
125
1
10
10
C/6032-28
T495C106(1)010ATE400
1.0
6.0
400
524
472
210
125
1
10
10
T/3528-12
T495T106(1)010ATE1K5
1.0
6.0
1500
216
194
86
125
1
10
15
A/3216-18
T495A156(1)010ATE1K0
1.5
6.0
1000
274
247
110
125
1
10
15
A/3216-18
T495A156(1)010ATE1K8
1.5
6.0
1800
204
184
82
125
1
10
15
B/3528-21
T495B156(1)010ATE600
1.5
6.0
600
376
338
150
125
1
10
15
B/3528-21
T495B156(1)010ATE900
1.5
6.0
900
307
276
123
125
1
10
15
T/3528-12
T495T156(1)010ATE1K2
1.5
6.0
1200
242
218
97
125
1
10
15
B/3528-21
T495B156(1)010A(2)E500
1.5
6.0
500
412
371
165
125
1
10
15
C/6032-28
T495C156(1)010A(2)E375
1.5
6.0
375
542
488
217
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA +20ºC
Max/5 Min
% at +20ºC
120 Hz Max
mΩ at 20ºC
100 kHz
Max
mA at +25ºC
100 kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T495A107K020AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A107K020AHE045 KEMET-T495A107K020AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495A107K020AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com