Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL22SNAW016F Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # TL22SNAW016F
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22SNAW016F Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22SNAW016F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22SNAW016F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22SNAW016F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22SNAW016F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22SNAW016F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22SNAW016F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series TL
Fully Illuminated Toggles
A130
A
www.nkkswitches.com
TL22DNAW016G
TYPICAL SWITCH DIMENSIONS
17.5mm Toggle
2b
1b
2a
1a
v
L ( ) I
L ( ) I
(1.17) Typ
.046
(2.0) Typ
.079
(5.0) Typ
.197
(2.5)
.098
(6.0) Dia
.236
25°
M12 P1
(17.5)
.689
(10.0)
.394
(21.0)
.827
(5.4)
.213
(0.5) Typ
.020
(3.5)
.138
(0.6) Typ
.024
(4.7) Typ
.185
(0.8) Typ
.031
(13.5)
.531
(1.1) x (2.0) Typ
.043 x .079
Keyway
(4.5)
.177
(18.0) Sq
.709
TL22SCAG015C
11.0mm Toggle
2b
1b
2a
1a
v
L ( ) I
L ( ) I
(1.17) Typ
.046
(2.0) Typ
.079
(5.0) Typ
.197
25°
M12 P1
(11.0)
.433
(10.0)
.394
(21.0)
.827
(5.4)
.213
(0.5) Typ
.020
(3.5)
.138
(0.6) Typ
.024
(4.7) Typ
.185
(0.8) Typ
.031
(13.5)
.531
(1.1) x (2.0) Typ
.043 x .079
(2.5)
.098
Keyway
(6.0)
.236
(18.0) Sq
.709
LED CODES & SPECIFICATIONS
Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation.
If the source voltage is greater than rated voltage, a ballast resistor is required.
The ballast resistor calculation and more lamp detail are shown in Supplement section.
Colored Toggles
Clear Toggles
Bright
Super Bright
LED Factory Assembled
Not Available Separately
Color
Red
Amber
Green
White
Green
Blue
Maximum Forward Current
I
FM
30mA
30mA
50mA
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.1V
2.27V
3.3V
3.3V
3.3V
Maximum Reverse Voltage
V
RM
4V
4V
4V
7V
7V
7V
Current Reduction Rate Above 25°C
∆I
F
0.32mA/°C 0.32mA/°C 0.50mA/°C 0.40mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–10°C ~ +55°C
–10°C ~ +55°C
5
D
F
C
G
B
F
6
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Super Bright LEDs are
Electrostatic Sensitive


Similar Part No. - TL22SNAW016F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
TL22SNAW016F NKK-TL22SNAW016F Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

Similar Description - TL22SNAW016F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com